Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT723642 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT723642
Description  CMOS SyncBiFIFO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT723642 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT723642 Datasheet HTML 2Page - Integrated Device Technology IDT723642 Datasheet HTML 3Page - Integrated Device Technology IDT723642 Datasheet HTML 4Page - Integrated Device Technology IDT723642 Datasheet HTML 5Page - Integrated Device Technology IDT723642 Datasheet HTML 6Page - Integrated Device Technology IDT723642 Datasheet HTML 7Page - Integrated Device Technology IDT723642 Datasheet HTML 8Page - Integrated Device Technology IDT723642 Datasheet HTML 9Page - Integrated Device Technology IDT723642 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
IDT723622/723632/723642 CMOS SyncBiFIFO™
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
COMMERCIALTEMPERATURERANGE
DETERMINING ACTIVE CURRENT CONSUMPTION AND POWER DISSIPATION
The ICC(f) current for the graph in Figure 1 was taken while simultaneously reading and writing a FIFO on the IDT723622/723632/723642 with CLKA
and CLKB set to fS. All data inputs and data outputs change state during each clock cycle to consume the highest supply current. Data outputs were
disconnected to normalize the graph to a zero capacitance load. Once the capacitance load per data-output channel and the number of these device's
inputs driven by TTL HIGH levels are known, the power dissipation can be calculated with the equation below.
CALCULATING POWER DISSIPATION
With ICC(f) taken from Figure 1, the maximum power dissipation (PT) of these FIFOs may be calculated by:
PT = VCC x [ICC(f) + (N x
ΔICC x dc)] + Σ(CL x VCC2 X fo)
where:
N
=
number of outputs = 36
ΔICC
=
increase in power supply current for each input at a TTL HIGH level
dc
=
duty cycle of inputs at a TTL HIGH level of 3.4 V
CL
=
outputcapacitanceload
fo
=
switchingfrequencyofanoutput
Figure 1. Typical Characteristics: Supply Current (ICC) vs Clock Frequency (fS)
010
20
30
40
50
60
70
0
50
100
250
300
VCC = 5.0V
fS
⎯ Clock Frequency ⎯ MHz
fdata = 1/2 fS
TA = 25
°C
CL = 0pF
VCC = 5.5V
3022 drw 03a
200
150
VCC = 4.5V
80
90


Similar Part No. - IDT723642

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723642 IDT-IDT723642 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
IDT723642L15PF IDT-IDT723642L15PF Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
IDT723642L15PQF IDT-IDT723642L15PQF Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
IDT723642L20PF IDT-IDT723642L20PF Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
IDT723642L20PQF IDT-IDT723642L20PQF Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
More results

Similar Description - IDT723642

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723652 IDT-IDT723652 Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652_09 Datasheet
227Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT723624 IDT-IDT723624_13 Datasheet
525Kb / 35P
   CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3682 IDT-IDT72V3682 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO-TM
IDT723654 IDT-IDT723654 Datasheet
406Kb / 37P
   CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com