Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72845LB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72845LB
Description  CMOS DUAL SyncFIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72845LB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72845LB Datasheet HTML 7Page - Integrated Device Technology IDT72845LB Datasheet HTML 8Page - Integrated Device Technology IDT72845LB Datasheet HTML 9Page - Integrated Device Technology IDT72845LB Datasheet HTML 10Page - Integrated Device Technology IDT72845LB Datasheet HTML 11Page - Integrated Device Technology IDT72845LB Datasheet HTML 12Page - Integrated Device Technology IDT72845LB Datasheet HTML 13Page - Integrated Device Technology IDT72845LB Datasheet HTML 14Page - Integrated Device Technology IDT72845LB Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72805LB/72815LB/72825LB/72845LB CMOS Dual SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, and 4,096 x 18
WhentheLDpinisLOWandWENisHIGH,theWCLKinputisdisabled;then
asignalatthisinputcanneitherincrementthewriteoffsetregisterpointer,nor
execute a write.
The contents of the offset registers can be read on the output lines when
the LD pin is set LOW and REN is set LOW; then, data can be read on the
LOW-to-HIGH transition of the Read clock (RCLK). The act of reading the
control registers employs a dedicated read offset register pointer. (The read
and write pointers operate independently). Offset register content can be
read out in the IDT Standard mode only. It is inhibited in the FWFT mode.
A read and a write should not be performed simultaneously to the offset
registers.
FIRST LOAD (FLA/FLB)
For the single device mode, see Table I for additional information. In the
Daisy Chain Depth Expansion configuration, FLA/FLB is grounded to
indicate it is the first device loaded and is set to HIGH for all other devices
in the Daisy Chain. (See Operating Configurations for further details.)
WRITE EXPANSION INPUT (WXIA/WXIB)
This is a dual purpose pin. For single device mode, see Table I for
additional information. WXIA/WXIB is connected to Write Expansion Out
(WXOA/WXOB) of the previous device in the Daisy Chain Depth Expansion
mode.
READ EXPANSION INPUT (RXIA/RXIB)
This is a dual purpose pin. For single device mode, see Table I for
additionalinformation.RXIA/RXIBisconnectedtoReadExpansionOut(RXOA/
RXOB) of the previous device in the Daisy Chain Depth Expansion mode.
OUTPUTS:
FULL FLAG/INPUT READY (FFA/IRA, FFB/IRB)
This is a dual purpose pin. In IDT Standard mode, the Full Flag (FFA/
FFB) function is selected. When the FIFO is full, FF will go LOW, inhibiting
further write operations. When FF is HIGH, the FIFO is not full. If no reads
are performed after a reset, FF will go LOW after D writes to the FIFO. D =
256 writes for the IDT72805LB, 512 for the IDT72815LB, 1,024 for the
IDT72825LB and 4,096 for the IDT72845LB.
In FWFT mode, the Input Ready (IRA/IRB) function is selected. IR goes
LOW when memory space is available for writing in data. When there is no
longer any free space left, IR goes HIGH, inhibiting further write operations.
IR will go HIGH after D writes to the FIFO. D = 257 writes for the
IDT72805, 513 for the IDT72815, 1,025 for the IDT72825 and 4,097 for the
IDT72845.NotethattheadditionalwordinFWFTmodeisduetothecapacity
ofthememoryplusoutputregister.
FF/IR is synchronous and updated on the rising edge of WCLK.
EMPTY FLAG/OUTPUT READY (EFA/ORA, EFB/ORB)
This is a dual purpose pin. In the IDT Standard mode, the Empty Flag
(EFA/EFB) function is selected. When the FIFO is empty, EF will go LOW,
inhibiting further read operations. When EF is HIGH, the FIFO is not empty.
In FWFT mode, the Output Ready (ORA/ORB) function is selected. OR
goes LOW at the same time that the first word written to an empty FIFO
appears valid on the outputs. OR stays LOW after the RCLK LOW to HIGH
transition that shifts the last word from the FIFO memory to the outputs. OR
goes HIGH only with a true read (RCLK with REN = LOW). The previous
data stays at the outputs, indicating the last word was read. Further data
reads are inhibited until OR goes LOW again.
EF/OR is synchronous and updated on the rising edge of RCLK.
PROGRAMMABLE ALMOST-FULL FLAG (PAFA/PAFB)
The Programmable Almost-Full flag (PAFA/PAFB) will go LOW when
FIFO reaches the almost-full condition. In IDT Standard mode, if no reads
are performed after Reset (RS), the PAFwill go LOW after (256-m) writes for
the IDT72805LB, (512-m) writes for the IDT72815LB, (1,024-m) writes for
theIDT72825LBand(4,096–m)writesfortheIDT72845LB.Theoffset“m”is
definedintheFullOffsetregister.
In FWFT mode, if no reads are performed, PAF will go LOW after (257-
m) writes for the IDT72805LB, (513-m) writes for the IDT72815LB, (1,025-
m)writesfortheIDT72825LBand(4,097-m)writesfortheIDT72845LB.The
default values for m are noted in Table 1 and 2.
IfasynchronousPAFconfigurationisselected,thePAFisassertedLOW
ontheLOW-to-HIGHtransitionoftheWriteClock(WCLK).PAFisresettoHIGH
ontheLOW-to-HIGHtransitionoftheReadClock(RCLK).IfsynchronousPAF
configuration is selected (see Table I), the PAF is updated on the rising edge
ofWCLK.
PROGRAMMABLE ALMOST-EMPTY FLAG (PAEA/PAEB)
The PAE flag will go LOW when the FIFO reads the almost-empty
condition. In IDT Standard mode, PAE will go LOW when there are n words
or less in the FIFO. In FWFT mode, the PAE will go LOW when there are
n+1 words or less in the FIFO. The offset “n” is defined as the Empty offset.
The default values for n are noted in Table 1 and 2.
If asynchronous PAE configuration is selected, the PAE is asserted
LOW on the LOW-to-HIGH transition of the Read Clock (RCLK). PAE is
reset to HIGH on the LOW-to-HIGH transition of the Write Clock (WCLK).
If synchronous PAE configuration is selected (see Table I), the PAE is
updated on the rising edge of RCLK.
WRITE EXPANSION OUT/HALF-FULL FLAG
(WXOA/HFA, WXOB/HFB)
This is a dual-purpose output. In the Single Device and Width Expansion
mode, when Write Expansion In (WXIA/WXIB) and/or Read Expansion In
(RXIA/RXIB) are grounded, this output acts as an indication of a half-full
memory.
After half of the memory is filled, and at the LOW-to-HIGH transition of
the next write cycle, the Half-Full flag goes LOW and will remain set until the
difference between the write pointer and read pointer is less than or equal
to one half of the total memory of the device. The Half-Full flag (HFA/HFB)
is then reset to HIGH by the LOW-to-HIGH transition of the Read Clock
(RCLK). The HF is asynchronous.
In the Daisy Chain Depth Expansion mode, WXI is connected to WXO
of the previous device. This output acts as a signal to the next device in the
Daisy Chain by providing a pulse when the previous device writes to the last
location of memory.
READ EXPANSION OUT (RXOA/RXOB)
In the Daisy Chain Depth Expansion configuration, Read Expansion In
(RXIA/RXIB) is connected to Read Expansion Out (RXOA/RXOB) of the
previous device. This output acts as a signal to the next device in the Daisy
Chain by providing a pulse when the previous device reads from the last
location of memory.
DATA OUTPUTS (Q0-Q17, QB0-QB17)
Q0-Q17 are data outputs for 18-bit wide data.


Similar Part No. - IDT72845LB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72845LB IDT-IDT72845LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
logo
Renesas Technology Corp
IDT72845LB RENESAS-IDT72845LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72845LB10BG IDT-IDT72845LB10BG Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
IDT72845LB10BGI IDT-IDT72845LB10BGI Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
IDT72845LB10PF IDT-IDT72845LB10PF Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
More results

Similar Description - IDT72845LB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com