Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7024L15JGB8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 7024L15JGB8
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7024L15JGB8 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 7024L15JGB8 Datasheet HTML 2Page - Integrated Device Technology 7024L15JGB8 Datasheet HTML 3Page - Integrated Device Technology 7024L15JGB8 Datasheet HTML 4Page - Integrated Device Technology 7024L15JGB8 Datasheet HTML 5Page - Integrated Device Technology 7024L15JGB8 Datasheet HTML 6Page - Integrated Device Technology 7024L15JGB8 Datasheet HTML 7Page - Integrated Device Technology 7024L15JGB8 Datasheet HTML 8Page - Integrated Device Technology 7024L15JGB8 Datasheet HTML 9Page - Integrated Device Technology 7024L15JGB8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6.42
IDT7024S/L
High-Speed 4K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
6
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1)(con’t.) (VCC = 5.0V ± 10%)
Data Retention Characteristics Over All Temperature Ranges
(L Version Only) (VLC = 0.2V, VHC = VCC - 0.2V)(4)
NOTES:
1. 'X' in part number indicates power rating (S or L)
2. VCC = 5V, TA = +25°C, and are not production tested.
3. At f = fMAX
, address and I/O'S are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions”of input levels of GND to 3V.
4. f = 0 means no address or control lines change.
5. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
NOTES:
1. TA = +25°C, VCC = 2V, and are by device characterization but are not production tested.
2. tRC = Read Cycle Time
3. This parameter is guaranteed but not tested.
4
. At Vcc < 2.0V, input leakages are not defined.
7024X35
Com'l &
Military
7024X55
Com'l, Ind
& Military
7024X70
Military Only
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Typ.(2)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CE = VIL,
Outputs Disabled
SEM = VIH
f = fMAX
(3)
COM'L
S
L
150
150
250
210
150
150
250
210
____
____
____
____
mA
MIL &
IND
S
L
150
150
300
250
150
150
300
250
140
140
300
250
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CER = CEL = VIH
SEMR = SEML = VIH
f = fMAX
(3)
COM'L
S
L
13
13
60
50
13
13
60
50
____
____
____
____
mA
MIL &
IND
S
L
13
13
80
65
13
13
80
65
10
10
80
65
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX
(3)
SEMR = SEML = VIH
COM'L
S
L
85
85
155
130
95
95
155
130
____
____
____
____
mA
MIL &
IND
S
L
85
85
190
160
95
95
190
160
80
80
190
160
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
Both Ports
CEL and
CER > VCC - 0.2V,
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0
(4)
SEMR = SEML > VCC - 0.2V
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
____
____
____
____
mA
MIL &
IND
S
L
1.0
0.2
30
10
1.0
0.2
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
SEMR = SEML > VCC - 0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled,
f = fMAX(3)
COM'L
S
L
80
80
135
110
80
80
135
110
____
____
____
____
mA
MIL &
IND
S
L
80
80
175
150
80
80
175
150
75
75
175
150
2740 tbl 09b
Symbol
Parameter
Test Condition
Min.
Typ.
(1)
Max.
Unit
VDR
VCC for Data Retention
VCC = 2V
2.0
___
___
V
ICCDR
Data Retention Current
CE > VHC
VIN > VHC or < VLC
MIL. & IND.
___
100
4000
µA
COM'L.
___
100
1500
tCDR
(3)
Chip Deselect to Data Retention Time
SEM > VHC
0
___
___
ns
tR(3)
Operation Recovery Time
tRC(2)
___
___
ns
2740 tbl 10


Similar Part No. - 7024L15JGB8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7024L15JGB8 IDT-7024L15JGB8 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 7024L15JGB8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com