Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72200L25TPG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 72200L25TPG
Description  CMOS SyncFIFO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72200L25TPG Datasheet(HTML) 5 Page - Integrated Device Technology

  72200L25TPG Datasheet HTML 1Page - Integrated Device Technology 72200L25TPG Datasheet HTML 2Page - Integrated Device Technology 72200L25TPG Datasheet HTML 3Page - Integrated Device Technology 72200L25TPG Datasheet HTML 4Page - Integrated Device Technology 72200L25TPG Datasheet HTML 5Page - Integrated Device Technology 72200L25TPG Datasheet HTML 6Page - Integrated Device Technology 72200L25TPG Datasheet HTML 7Page - Integrated Device Technology 72200L25TPG Datasheet HTML 8Page - Integrated Device Technology 72200L25TPG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
COMMERCIALTEMPERATURERANGE
IDT72420/72200/72210/72220/72230/72240 CMOS SYNCFIFO™
64 x 8, 256 x 8, 512 x 8, 1,024 x 8, 2,048 x 8, 4,096 x 8
When all the data has been read from the FIFO, the Empty Flag (EF) will
go LOW, inhibiting further read operations. Once a valid write operation has
been accomplished, the Empty Flag (EF) will go HIGH after tREF and a valid
read can begin. Read Enable (REN) is ignored when the FIFO is empty.
OUTPUT ENABLE (OE) — When Output Enable (OE) is enabled (LOW),
the parallel output buffers receive data from the output register. When
Output Enable (OE) is disabled (HIGH), the Q output data bus is in a high-
impedance state.
OUTPUTS:
FULL FLAG (FF) — The Full Flag (FF) will go LOW, inhibiting further write
operation, when the device is full. If no reads are performed after Reset
(RS), the Full Flag (FF) will go LOW after 64 writes for the IDT72420, 256
writes for the IDT72200, 512 writes for the IDT72210, 1,024 writes for the
IDT72220,2,048writesfortheIDT72230,and4,096writesfortheIDT72240.
The Full Flag (FF) is synchronized with respect to the LOW-to-HIGH
transition of the Write Clock (WCLK).
EMPTY FLAG (EF) — The Empty Flag (EF) will go LOW, inhibiting further
read operations, when the read pointer is equal to the write pointer,
indicating the device is empty.
The Empty Flag (EF) is synchronized with respect to the LOW-to-HIGH
transition of the Read Clock (RCLK).
ALMOST-FULL FLAG (AF) — The Almost-Full Flag (AF) will go LOW when
the FIFO reaches the almost-full condition. If no reads are performed after
Reset (RS), the Almost-Full Flag (AF) will go LOW after 57 writes for the
IDT72420, 249 writes for the IDT72200, 505 writes for the IDT72210, 1,017
writes for the IDT72220, 2,041 writes for the IDT72230 and 4,089 writes for
the IDT72240.
The Almost-Full Flag (AF) is synchronized with respect to the LOW-to-
HIGH transition of the Write Clock (WCLK).
ALMOST-EMPTY FLAG (AE) — The Almost-Empty Flag (AE) will go LOW
when the FIFO reaches the almost-empty condition. If no reads are
performed after Reset (RS), the Almost-Empty Flag (AE) will go HIGH after
8 writes for the IDT72420, IDT72200, IDT72210, IDT72220, IDT72230 and
IDT72240.
The Almost-Empty Flag (AE) is synchronized with respect to the LOW-
to-HIGH transition of the Read Clock (RCLK).
DATA OUTPUTS (Q0–Q7) — Data outputs for 8-bit wide data.
SIGNAL DESCRIPTIONS
INPUTS:
Data In (D0–D7) — Data inputs for 8-bit wide data.
CONTROLS:
RESET (RS) — Reset is accomplished whenever the Reset (RS) input is
taken to a LOW state. During reset, both internal read and write pointers are
set to the first location. A reset is required after power up before a write
operation can take place. The Full Flag (FF) and Almost-Full Flag (AF) will
be reset to HIGH after tRSF. The Empty Flag (EF) and Almost-Empty Flag
(AE) will be reset to LOW after tRSF. During reset, the output register is
initialized to all zeros.
WRITE CLOCK (WCLK) — A write cycle is initiated on the LOW-to-HIGH
transitionoftheWriteClock(WCLK).Datasetupandholdtimesmustbemet
in respect to the LOW-to-HIGH transition of the Write Clock. The Full Flag
(FF) and Almost-Full Flag (AF) are synchronized with respect to the LOW-
to-HIGH transition of the Write Clock.
The Write and Read Clocks can be asynchronous or coincident.
WRITE ENABLE (WEN) — When Write Enable (WEN) is LOW, data can
be loaded into the input register and RAM array on the LOW-to-HIGH
transition of every Write Clock (WCLK). Data is stored in the RAM array
sequentially and independently of any on-going read operation.
When Write Enable (WEN) is HIGH, the input register holds the previous
data and no new data is allowed to be loaded into the register.
To prevent data overflow, the Full Flag (FF) will go LOW, inhibiting
further write operations. Upon the completion of a valid read cycle, the Full
Flag (FF) will go HIGH after tWFF, allowing a valid write to begin. Write
Enable (WEN) is ignored when the FIFO is full.
READ CLOCK (RCLK) — Data can be read on the outputs on the LOW-to-
HIGH transition of the Read Clock (RCLK). The Empty Flag (EF) and
Almost-Empty flag (AE) are synchronized with respect to the LOW-to-HIGH
transition of the Read Clock.
The Write and Read Clocks can be asynchronous or coincident.
READ ENABLE (REN) — When Read Enable (REN) is LOW, data is read
from the RAM array to the output register on the LOW-to-HIGH transition of
the Read Clock (RCLK).
When Read Enable (REN) is HIGH, the output register holds the
previous data and no new data is allowed to be loaded into the register.
Number of Words in FIFO
IDT72420
IDT72200
IDT72210
IDT72220
IDT72230
IDT72240
FF
AF
AE
EF
00
0
0
0
0
H
H
L
L
1 to 7
1 to 7
1 to 7
1 to 7
1 to 7
1 to 7
H
H
L
H
8 to 56
8 to 248
8 to 504
8 to 1,016
8 to 2,040
8 to 4,088
HHHH
57 to 63
249 to 255
505 to 511
1,017 to 1,023
2,041 to 2,047
4,089 to 4,095
H
L
H
H
64
256
512
1,024
2,048
4,096
L
L
H
H
TABLE 1 — STATUS FLAGS


Similar Part No. - 72200L25TPG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72200L25TPG RENESAS-72200L25TPG Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
More results

Similar Description - 72200L25TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com