Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

723636L15PFG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 723636L15PFG
Description  CMOS TRIPLE BUS SyncFIFO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

723636L15PFG Datasheet(HTML) 4 Page - Integrated Device Technology

  723636L15PFG Datasheet HTML 1Page - Integrated Device Technology 723636L15PFG Datasheet HTML 2Page - Integrated Device Technology 723636L15PFG Datasheet HTML 3Page - Integrated Device Technology 723636L15PFG Datasheet HTML 4Page - Integrated Device Technology 723636L15PFG Datasheet HTML 5Page - Integrated Device Technology 723636L15PFG Datasheet HTML 6Page - Integrated Device Technology 723636L15PFG Datasheet HTML 7Page - Integrated Device Technology 723636L15PFG Datasheet HTML 8Page - Integrated Device Technology 723636L15PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
COMMERCIAL TEMPERATURE RANGE
IDT723626/723636/723646 CMOS TRIPLE BUS SyncFIFO™
WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 and 1,024 x 36 x 2
PIN DESCRIPTIONS
Symbol
Name
I/O
Description
A0-A35
Port A Data
I/O 36-bitbidirectionaldataportforsideA.
AEA
PortAAlmost-Empty O
Programmable Almost-Empty flag synchronized to CLKA. It is LOW when the number of words in FIFO2 is
Flag
lessthan or equal to the value in the Almost-Empty A Offset register, X2.
AEB
PortBAlmost-Empty O
Programmable Almost-Empty flag synchronized to CLKB. It is LOW when the number of words in FIFO1 is
Flag
lessthan or equal to the value in the Almost-Empty B Offset register, X1.
AFA
PortAAlmost-Full
O
ProgrammableAlmost-FullflagsynchronizedtoCLKA.ItisLOWwhenthenumberofemptylocationsin
Flag
FIFO1 is less than or equal to the value in the Almost-Full A Offset register, Y1.
AFC
PortCAlmost-Full
O ProgrammableAlmost-FullflagsynchronizedtoCLKC.ItisLOWwhenthenumberofemptylocationsin
Flag
FIFO2 is less than or equal to the value in the Almost-Full C Offset register, Y2.
B0-B17
Port B Data
O
18-bit output data port for side B.
BE/FWFT
Big-Endian/
I
This is a dual purpose pin. During Master Reset, a HIGH on BE will select Big-Endian operation. In this
FirstWord
case, depending on the bus size, the most significant byte or word on Port A is read from Port B first (A-to-B
Fall Through
data flow) or is written to Port C first (C-to-A data flow). A LOW on BE will select Little-Endian operation.
Select
In this case, the least significant byte or word on Port A is read from Port B first (A-to-B data flow) or is
written to Port C first (C-to-A data flow).
After Master Reset, this pin selects the timing mode. A HIGH on FWFT selects IDT Standard mode, aLOW
selects First Word Fall Through mode. Once the timing mode has been selected, the level on FWFT must
bestaticthroughoutdeviceoperation.
C0-C17
Port C Data
I
18-bit input data port for side C.
CLKA
Port A Clock
I
CLKA is a continuous clock that synchronizes all data transfers through Port A and can be asynchronous or
coincident to CLKB. FFA/IRA, EFA/ORA, AFA, and AEA are all synchronized to the LOW-to-HIGH
transitionofCLKA.
CLKB
Port B Clock
I
CLKB is a continuous clock that synchronizes all data transfers through Port B and can be asynchronous or
coincident to CLKA. EFB/ORB and AEB are synchronized to the LOW-to-HIGH transition of CLKB.
CLKC
Port C Clock
I
CLKC is a continuous clock that synchronizes all data transfers through Port C and can be asynchronous
or coincident to CLKA. FFC/IRC and AFC are synchronized to the LOW-to-HIGH transition of CLKC.
CSA
Port A Chip Select
I
CSA must be LOW to enable to LOW-to-HIGH transition of CLKA to read or write on Port A. The A0-A35
outputs are in the high-impedance state when CSA is HIGH.
CSB
Port B Chip Select
I
CSB must be LOW to enable a LOW-to-HIGH transition of CLKB to read data on Port B. The B0-B17
outputs are in the high-impedance state when CSB is HIGH.
EFA/ORA
PortAEmpty/
O
This is a dual function pin. In the IDT Standard mode, the EFA function is selected. EFA indicates whether
Output Ready Flag
or not the FIFO2 memory is empty. In the FWFT mode, the ORA function is selected. ORA indicates the
presence of valid data on the A0-A35 outputs, available for reading. EFA/ORA is synchronized to the
LOW-to-HIGHtransitionofCLKA.
EFB/ORB
PortBEmpty/
O This is a dual function pin. In the IDT Standard mode, the EFB function is selected. EFB indicates whether
Output Ready Flag
or not the FIFO1 memory is empty. In the FWFT mode, the ORB function is selected. ORB indicates the
presence of valid data on the B0-B17 outputs, available for reading. EFB/ORB is synchronized to the
LOW-to-HIGHtransitionofCLKB.
ENA
Port A Enable
I
ENA must be HIGH to enable a LOW-to-HIGH transition of CLKA to read or write data on Port A.
FFA/IRA
Port A Full/
O
This is a dual function pin. In the IDT Standard mode, the FFA function is selected. FFA indicates whether
Input Ready Flag
or not the FIFO1 memory is full. In the FWFT mode, the IRA function is selected. IRA
indicates whether or not there is space available for writing to the FIFO1 memory. FFA/IRA is
synchronizedtotheLOW-to-HIGHtransitionofCLKA.
FFC/IRC
Port C Full/
O
This is a dual function pin. In the IDT Standard mode, the FFC function is selected. FFC indicates whether
Input Ready Flag
or not the FIFO2 memory is full. In the FWFT mode, the IRC function is selected. IRC indicates whether or
not there is space available for writing to the FIFO2 memory. FFC/IRC is synchronized to the
LOW-to-HIGHtransitionofCLKC.


Similar Part No. - 723636L15PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
723631L15PFG IDT-723631L15PFG Datasheet
347Kb / 20P
   CMOS SyncFIFO
logo
Renesas Technology Corp
723631L15PFG RENESAS-723631L15PFG Datasheet
528Kb / 21P
   CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
MARCH 2014
logo
Integrated Device Techn...
723631L15PFG8 IDT-723631L15PFG8 Datasheet
347Kb / 20P
   CMOS SyncFIFO
logo
Renesas Technology Corp
723631L15PFG8 RENESAS-723631L15PFG8 Datasheet
528Kb / 21P
   CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
MARCH 2014
logo
Integrated Device Techn...
723632L15PFG IDT-723632L15PFG Datasheet
188Kb / 24P
   CMOS SyncBiFIFO
More results

Similar Description - 723636L15PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723656 IDT-IDT723656_09 Datasheet
341Kb / 39P
   CMOS TRIPLE BUS SyncFIFO
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
   CMOS SyncFIFO WITH BUS-MATCHING
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com