Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

723633L12PFG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 723633L12PFG
Description  CMOS BUS-MATCHING SyncFIFO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

723633L12PFG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 723633L12PFG Datasheet HTML 3Page - Integrated Device Technology 723633L12PFG Datasheet HTML 4Page - Integrated Device Technology 723633L12PFG Datasheet HTML 5Page - Integrated Device Technology 723633L12PFG Datasheet HTML 6Page - Integrated Device Technology 723633L12PFG Datasheet HTML 7Page - Integrated Device Technology 723633L12PFG Datasheet HTML 8Page - Integrated Device Technology 723633L12PFG Datasheet HTML 9Page - Integrated Device Technology 723633L12PFG Datasheet HTML 10Page - Integrated Device Technology 723633L12PFG Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
COMMERCIALTEMPERATURERANGE
IDT723623/723633/723643 BUS-MATCHING SyncFIFO™
256 x 36, 512 x 36, 1,024 x 36
DETERMINING ACTIVE CURRENT CONSUMPTION AND POWER DISSIPATION
The ICC(f) current for the graph in Figure 1 was taken while simultaneously reading and writing a FIFO on the IDT723623/723633/723643 with CLKA
andCLKBsettofS. Alldatainputsanddataoutputschangestateduringeachclockcycletoconsumethehighestsupplycurrent. Dataoutputsweredisconnected
tonormalizethegraphtoazerocapacitanceload. Oncethecapacitanceloadperdata-outputchannelandthenumberofIDT723623/723633/723643inputs
driven by TTL HIGH levels are known, the power dissipation can be calculated with the equation below.
CALCULATING POWER DISSIPATION
With ICC(f) taken from Figure 1, the maximum power dissipation (PT) of these FIFOs may be calculated by:
PT = VCC x [ICC(f) + (N x
ΔICC x dc)] + Σ(CL x VCC2 X fo)
where:
N
=
number of used outputs = 36-bit (long word), 18-bit (word) or 9-bit (byte) bus size
ΔICC
=
increase in power supply current for each input at a TTL HIGH level
dc
=
duty cycle of inputs at a TTL HIGH level of 3.4 V
CL
=
outputcapacitanceload
fo
=
switchingfrequencyofanoutput
Figure 1. Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS)
010
20
30
40
50
60
70
0
50
100
250
300
VCC = 5.0V
fS
⎯ Clock Frequency ⎯ MHz
fdata = 1/2 fS
TA = 25
°C
CL = 0pF
VCC = 5.5V
3269 drw 02a
200
150
VCC = 4.5V
80
90


Similar Part No. - 723633L12PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
723633L12PFG RENESAS-723633L12PFG Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
723633L12PFG8 RENESAS-723633L12PFG8 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
More results

Similar Description - 723633L12PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
   CMOS SyncFIFO WITH BUS-MATCHING
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723656 IDT-IDT723656_09 Datasheet
341Kb / 39P
   CMOS TRIPLE BUS SyncFIFO
IDT723626 IDT-IDT723626_14 Datasheet
510Kb / 35P
   CMOS TRIPLE BUS SyncFIFO
logo
Renesas Technology Corp
IDT723616 RENESAS-IDT723616 Datasheet
570Kb / 27P
   CMOS TRIPLE BUS SyncFIFO™ WITH BUS-MATCHING AND BYTE SWAPPING 64 x 36 x 2
FEBRUARY 2009
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com