Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72220L15TPG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 72220L15TPG
Description  CMOS SyncFIFO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72220L15TPG Datasheet(HTML) 2 Page - Integrated Device Technology

  72220L15TPG Datasheet HTML 1Page - Integrated Device Technology 72220L15TPG Datasheet HTML 2Page - Integrated Device Technology 72220L15TPG Datasheet HTML 3Page - Integrated Device Technology 72220L15TPG Datasheet HTML 4Page - Integrated Device Technology 72220L15TPG Datasheet HTML 5Page - Integrated Device Technology 72220L15TPG Datasheet HTML 6Page - Integrated Device Technology 72220L15TPG Datasheet HTML 7Page - Integrated Device Technology 72220L15TPG Datasheet HTML 8Page - Integrated Device Technology 72220L15TPG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
COMMERCIALTEMPERATURERANGE
IDT72420/72200/72210/72220/72230/72240 CMOS SYNCFIFO™
64 x 8, 256 x 8, 512 x 8, 1,024 x 8, 2,048 x 8, 4,096 x 8
PIN CONFIGURATION
Symbol
Name
I/O
Description
D0 - D7
Data Inputs
I
Data inputs for a 8-bit bus.
RS
Reset
I
When RS is set LOW, internal read and write pointers are set to the first location of the RAM array, FF and AF go
HIGH, and AE and EF go LOW. A reset is required before an initial WRITE after power-up.
WCLK
Write Clock
I
Data is written into the FIFO on a LOW-to-HIGH transition of WCLK when WEN is asserted.
WEN
Write Enable
I
When WEN is LOW, data is written into the FIFO on every LOW-to-HIGH transition of WCLK. Data will not be written
into the FIFO if the FF is LOW.
Q0 - Q7
Data Outputs
O
Data outputs for a 8-bit bus.
RCLK
Read Clock
I
Data is read from the FIFO on a LOW-to-HIGH transition of RCLK when REN is asserted.
REN
Read Enable
I
When REN is LOW, data is read from the FIFO on every LOW-to-HIGH transition of RCLK. Data will not be read from
the FIFO if the EF is LOW.
OE
Output Enable
I
When OE is LOW, the data output bus is active. If OE is HIGH, the output data bus will be in a high-impedance
state.
EF
Empty Flag
O
When EF is LOW, the FIFO is empty and further data reads from the output are inhibited. When EF is HIGH, the FIFO
is not empty. EF is synchronized to RCLK.
AE
Almost-Empty Flag O
When AE is LOW, the FIFO is almost empty based on the offset Empty+7. AE is synchronized to RCLK.
AF
Almost-Full Flag
O
When AF is LOW, the FIFO is almost full based on the offset Full-7. AF is synchronized to WCLK.
FF
Full Flag
O
When FF is LOW, the FIFO is full and further data writes into the input are inhibited. When FF is HIGH, the FIFO is not
full. FF is synchronized to WCLK.
VCC
Power
One +5 volt power supply pin.
GND
Ground
One 0 volt ground pin.
PIN DESCRIPTIONS
PLASTIC THIN DIP (P28-2, order code: TP)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D4
D3
D2
D1
D0
AF
AE
GND
RCLK
REN
OE
EF
FF
Q0
D5
D6
D7
RS
WEN
WCLK
VCC
Q7
Q6
Q5
Q4
Q3
Q2
Q1
2680 drw02


Similar Part No. - 72220L15TPG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72220L15TPG RENESAS-72220L15TPG Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
More results

Similar Description - 72220L15TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com