Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7052L20GG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 7052L20GG8
Description  HIGH-SPEED 2K x 8 FourPort STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7052L20GG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  7052L20GG8 Datasheet HTML 1Page - Integrated Device Technology 7052L20GG8 Datasheet HTML 2Page - Integrated Device Technology 7052L20GG8 Datasheet HTML 3Page - Integrated Device Technology 7052L20GG8 Datasheet HTML 4Page - Integrated Device Technology 7052L20GG8 Datasheet HTML 5Page - Integrated Device Technology 7052L20GG8 Datasheet HTML 6Page - Integrated Device Technology 7052L20GG8 Datasheet HTML 7Page - Integrated Device Technology 7052L20GG8 Datasheet HTML 8Page - Integrated Device Technology 7052L20GG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2016 Integrated Device Technology, Inc.
JULY 2016
DSC 2674/15
1
IDT7052S/L
Functional Block Diagram
HIGH-SPEED
2K x 8 FourPortTM
STATIC RAM
Features
High-speed access
– Commercial: 20/25/35ns (max.)
– Industrial: 25ns (max.)
– Military: 25/35ns (max.)
Low-power operation
– IDT7052S
Active: 750mW (typ.)
Standby: 7.5mW (typ.)
– IDT7052L
Active: 750mW (typ.)
Standby: 1.5mW (typ.)
True FourPort memory cells which allow simultaneous
access of the same memory locations
Fully asynchronous operation from each of the four ports:
P1, P2, P3, P4
Versatile control for write-inhibit: separate BUSY input to
control write-inhibit for each of the four ports
MEMORY
ARRAY
COLUMN
I/O
PORT 1
ADDRESS
DECODE
LOGIC
PORT 2
ADDRESS
DECODE
LOGIC
COLUMN
I/O
COLUMN
I/O
PORT 4
ADDRESS
DECODE
LOGIC
PORT 3
ADDRESS
DECODE
LOGIC
COLUMN
I/O
R/
WP1
I/O0P1-I/O7P1
CEP1
OEP1
A0P1 -A10P1
BUSYP2
R/
WP2
CEP2
OEP2
2674 drw 01
I/O0P2-I/O7P2
A0P2 -A10P2
BUSYP1
R/
WP4
I/O0P4-I/O7P4
CEP4
OEP4
A0P4 -A10P4
BUSYP3
R/
WP3
CEP3
OEP3
I/O0P3-I/O7P3
A0P3 -A10P3
BUSYP4
Battery backup operation—2V data retention
TTL-compatible; single 5V (±10%) power supply
Available in 120 pin Thin Quad Flatpacks and 108 pin PGA
Military product compliant to MIL-PRF-38535 QML
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Green parts available, see ordering information
Description
TheIDT7052isahigh-speed2Kx8FourPort™StaticRAMdesigned
to be used in systems where multiple access into a common RAM is
required.ThisFourPortStaticRAMoffersincreasedsystemperformance
inmultiprocessorsystemsthathaveaneedtocommunicateinrealtimeand
alsooffersaddedbenefitforhigh-speedsystemsinwhichmultipleaccess
is required in the same cycle.
The IDT7052 is also designed to be used in systems where on-chip
hardware port arbitration is not needed. This part lends itself to those


Similar Part No. - 7052L20GG8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7052 ETC2-7052 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
7052 ETC2-7052 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Molex Electronics Ltd.
70520 MOLEX5-70520 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 20 Circuits
70520 MOLEX11-70520 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 20 Circuits
70520-50 MOLEX5-70520-50 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 20 Circuits
More results

Similar Description - 7052L20GG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S Datasheet
99Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7132SA IDT-IDT7132SA Datasheet
175Kb / 11P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com