Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72261LA20PFG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 72261LA20PFG
Description  CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72261LA20PFG Datasheet(HTML) 2 Page - Integrated Device Technology

  72261LA20PFG Datasheet HTML 1Page - Integrated Device Technology 72261LA20PFG Datasheet HTML 2Page - Integrated Device Technology 72261LA20PFG Datasheet HTML 3Page - Integrated Device Technology 72261LA20PFG Datasheet HTML 4Page - Integrated Device Technology 72261LA20PFG Datasheet HTML 5Page - Integrated Device Technology 72261LA20PFG Datasheet HTML 6Page - Integrated Device Technology 72261LA20PFG Datasheet HTML 7Page - Integrated Device Technology 72261LA20PFG Datasheet HTML 8Page - Integrated Device Technology 72261LA20PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72261LA/72271LA SuperSync FIFO™
16,384 x 9 and 32,768 x 9
PIN CONFIGURATIONS
TQFP (PN64-1, ORDER CODE: PF)
STQFP (PP64-1, ORDER CODE: TF)
TOP VIEW
DESCRIPTION (CONTINUED)
PIN 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
WEN
SEN
DC(1)
VCC
VCC
GND(2)
GND(2)
GND(2)
GND(2)
GND(2)
GND(2)
GND(2)
GND(2)
GND(2)
D8
D7
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
DNC(3)
DNC(3)
GND
DNC(3)
DNC(3)
VCC
DNC(3)
DNC(3)
DNC(3)
GND
DNC(3)
DNC(3)
Q8
Q7
Q6
GND
4671 drw 02
NOTES:
1. DC = Don’t Care. Must be tied to GND or VCC, cannot be left open.
2. This pin may either be tied to ground or left open.
3. DNC = Do Not Connect.
SuperSyncFIFOsareparticularlyappropriatefornetwork,video,telecom-
munications,datacommunicationsandotherapplicationsthatneedtobuffer
largeamountsofdata.
TheinputportiscontrolledbyaWriteClock(WCLK)inputandaWriteEnable
(WEN)input. DataiswrittenintotheFIFOoneveryrisingedgeofWCLKwhen
WEN isasserted.TheoutputportiscontrolledbyaReadClock(RCLK)input
and Read Enable (REN) input. Data is read from the FIFO on every rising
edgeofRCLKwhenRENisasserted. AnOutputEnable(OE)inputisprovided
forthree-statecontroloftheoutputs.
The frequencies of both the RCLK and the WCLK signals may vary from 0
to fMAX with complete independence. There are no restrictions on the
frequency of one clock input with respect to the other.
There are two possible timing modes of operation with these devices:
IDT Standard mode and First Word Fall Through (FWFT) mode.
In IDT Standard mode, the first word written to an empty FIFO will not
appear on the data output lines unless a specific read operation is
performed. Areadoperation,whichconsistsof activatingREN and enabling
arisingRCLKedge,willshiftthewordfrominternalmemorytothedataoutput
lines.


Similar Part No. - 72261LA20PFG

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7226 GILWAY-7226 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
Integrated Device Techn...
72265LA10PFG IDT-72265LA10PFG Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
72265LA10PFG8 IDT-72265LA10PFG8 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
72265LA10PFGI IDT-72265LA10PFGI Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
72265LA10PFGI8 IDT-72265LA10PFGI8 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
More results

Similar Description - 72261LA20PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72275 IDT-IDT72275 Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72255LA IDT-IDT72255LA_14 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA_05 Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72291 IDT-IDT72291 Datasheet
277Kb / 26P
   CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com