Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72805LB15PFGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 72805LB15PFGI
Description  CMOS DUAL SyncFIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72805LB15PFGI Datasheet(HTML) 1 Page - Integrated Device Technology

  72805LB15PFGI Datasheet HTML 1Page - Integrated Device Technology 72805LB15PFGI Datasheet HTML 2Page - Integrated Device Technology 72805LB15PFGI Datasheet HTML 3Page - Integrated Device Technology 72805LB15PFGI Datasheet HTML 4Page - Integrated Device Technology 72805LB15PFGI Datasheet HTML 5Page - Integrated Device Technology 72805LB15PFGI Datasheet HTML 6Page - Integrated Device Technology 72805LB15PFGI Datasheet HTML 7Page - Integrated Device Technology 72805LB15PFGI Datasheet HTML 8Page - Integrated Device Technology 72805LB15PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
MAY 2016
CMOS DUAL SyncFIFO™
DUAL 256 x 18
DUAL 512 x 18
DUAL 1,024 x 18
DUAL 4,096 x 18
IDT72805LB
IDT72815LB
IDT72825LB
IDT72845LB
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The SyncFIFO is a trademark of Integrated Device Technology, Inc.
©2016IntegratedDeviceTechnology,Inc.Allrightsreserved.Productspecificationssubjecttochangewithoutnotice.
DSC-3139/9
FEATURES:
••••• The IDT72805LB is equivalent to two IDT72205LB 256 x 18 FIFOs
••••• The IDT72815LB is equivalent to two IDT72215LB 512 x 18 FIFOs
••••• The IDT72825LB is equivalent to two IDT72225LB 1,024 x 18 FIFOs
••••• The IDT72845LB is equivalent to two IDT72245LB 4,096 x 18 FIFOs
••••• Offers optimal combination of large capacity (8K), high speed,
design flexibility, and small footprint
••••• Ideal for the following applications:
-
Network switching
-
Two level prioritization of parallel data
-
Bidirectional data transfer
-
Bus-matching between 18-bit and 36-bit data paths
-
Width expansion to 36-bit per package
-
Depth expansion to 8,192 words per package
••••• 10ns read/write cycle time, 6.5ns access time
••••• IDT Standard or First Word Fall Through timing
••••• Single or double register-buffered Empty and Full Flags
FUNCTIONAL BLOCK DIAGRAM
••••• Easily expandable in depth and width
••••• Asynchronous or coincident Read and Write clocks
••••• Asynchronous or synchronous programmable Almost-Empty
and Almost-Full flags with default settings
••••• Half-Full flag capability
••••• Output Enable puts output data bus in high-impedance state
••••• High-performance submicron CMOS technology
••••• Available in the 128-pin Thin Quad Flatpack (TQFP). Also
available for the IDT72805LB/72815LB/72825LB, in the 121-lead,
16 x 16 mm plastic Ball Grid Array (PBGA)
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
••••• Green parts available, see ordering information
DESCRIPTION:
The IDT72805LB/72815LB/72825LB/72845LB are dual 18-bit-wide syn-
chronous (clocked) First-in, First-out (FIFO) memories. One dual IDT72805LB/
INPUT
REGISTER
OUTPUT
REGISTER
OFFSET
REGISTER
FLAG
LOGIC
FFA/IR
A
PAFA
EF A/
ORA
PAEA
HF A/(WXOA)
READ
POINTER
READ
CONTROL
LOGIC
WRITE
CONTROL
LOGIC
WRITE
POINTER
EXPANSION
LOGIC
RESET
LOGIC
WENA
DA0-DA17
LDA
RSA
(
HF A)/WXOA
WXIA
RENA
RCLKA
OEA
QA0-QA17
RXOA
RXIA
FL A
WCLKA
INPUT
REGISTER
OUTPUT
REGISTER
RAM
ARRAY
256 x 18
512 x 18
1,024 x 18
4,096 x 18
OFFSET
REGISTER
FLAG
LOGIC
FFB/IRB
PAF B
EF B/ORB
PAEB
HF B/(WXOB)
READ
POINTER
READ
CONTROL
LOGIC
WRITE
CONTROL
LOGIC
WRITE
POINTER
EXPANSION
LOGIC
RESET
LOGIC
WENB
DB0-DB17
LDB
RSB
(
HF B)/WXOB
WXIB
RENB
RCLKB
OEB
QB0-QB17
RXOB
RXIB
FL B
WCLKB
3139 drw 01
RAM
ARRAY
256 x 18
512 x 18
1,024 x 18
4,096 x 18


Similar Part No. - 72805LB15PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72805LB15PFGI RENESAS-72805LB15PFGI Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
72805LB15PFGI8 RENESAS-72805LB15PFGI8 Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
More results

Similar Description - 72805LB15PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com