Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70261S55PFGI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 70261S55PFGI
Description  HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70261S55PFGI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 70261S55PFGI Datasheet HTML 7Page - Integrated Device Technology 70261S55PFGI Datasheet HTML 8Page - Integrated Device Technology 70261S55PFGI Datasheet HTML 9Page - Integrated Device Technology 70261S55PFGI Datasheet HTML 10Page - Integrated Device Technology 70261S55PFGI Datasheet HTML 11Page - Integrated Device Technology 70261S55PFGI Datasheet HTML 12Page - Integrated Device Technology 70261S55PFGI Datasheet HTML 13Page - Integrated Device Technology 70261S55PFGI Datasheet HTML 14Page - Integrated Device Technology 70261S55PFGI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
6.42
IDT70261S/L
High-Speed 16K x 16 Dual-Port Static RAM with Interrupt
Industrial and Commercial Temperature Ranges
11
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(6,7)
NOTES:
1. Port-to-port delay through RAM cells from writing port to reading port, refer to "Timing Wave form of Write with Port-to-Port Read and BUSY (M/S = VIH)".
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual), or tDDD – tDW (actual).
4. To ensure that the write cycle is inhibited on port "B" during contention on port "A".
5. To ensure that a write cycle is completed on port "B" after contention on port "A".
6. 'X' in part numbers indicates power rating (S or L).
Symbol
Parameter
70261X15
Com'l Only
70261X20
Com'l & Ind
70261X25
Com'l & Ind
Unit
Min.
Max.
Min.
Max.
Min.
Max.
BUSY
TIMING (M/S=VIH)
tBAA
BUSY
Access Time from Address Match
____
15
____
20
____
20
ns
tBDA
BUSY
Disable Time from Address Not Matched
____
15
____
20
____
20
ns
tBAC
BUSY
Access Time from Chip Enable Low
____
15
____
20
____
20
ns
tBDC
BUSY
Access Time from Chip Enable High
____
15
____
17
____
17
ns
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
5
____
ns
tBDD
BUSY
Disable to Valid Data(3)
____
18
____
30
____
30
ns
tWH
Write Hold After BUSY(5)
12
____
15
____
17
____
ns
BUSY
TIMING (M/S=VIL)
tWB
BUSY
Input to Write(4)
0
____
0
____
0
____
ns
tWH
Write Hold After BUSY(5)
12
____
15
____
17
____
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay(1)
____
30
____
45
____
50
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
25
____
30
____
35
ns
3039 tbl 14a
Symbol
Parameter
70261X35
Com'l Only
70261X55
Com'l Only
Unit
Min.
Max.
Min.
Max.
BUSY
TIMING (M/S=VIH)
tBAA
BUSY
Access Time from Address Match
____
20
____
45
ns
tBDA
BUSY
Disable Time from Address Not Matched
____
20
____
40
ns
tBAC
BUSY
Access Time from Chip Enable Low
____
20
____
40
ns
tBDC
BUSY
Access Time from Chip Enable High
____
20
____
35
ns
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
ns
tBDD
BUSY
Disable to Valid Data(3)
____
35
____
40
ns
tWH
Write Hold After BUSY(5)
25
____
25
____
ns
BUSY
TIMING (M/S=VIL)
tWB
BUSY
Input to Write(4)
0
____
0
____
ns
tWH
Write Hold After BUSY(5)
25
____
25
____
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay(1)
____
60
____
80
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
45
____
65
ns
3039 tbl 14b


Similar Part No. - 70261S55PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70261S55PFGI IDT-70261S55PFGI Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
70261S55PFGI8 IDT-70261S55PFGI8 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 70261S55PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70261S RENESAS-70261S Datasheet
509Kb / 21P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
JULY 2019
logo
Integrated Device Techn...
IDT70261S IDT-IDT70261S_09 Datasheet
167Kb / 19P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT70261S IDT-IDT70261S Datasheet
245Kb / 19P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com