Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72261LA20TFG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 72261LA20TFG
Description  CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72261LA20TFG Datasheet(HTML) 1 Page - Integrated Device Technology

  72261LA20TFG Datasheet HTML 1Page - Integrated Device Technology 72261LA20TFG Datasheet HTML 2Page - Integrated Device Technology 72261LA20TFG Datasheet HTML 3Page - Integrated Device Technology 72261LA20TFG Datasheet HTML 4Page - Integrated Device Technology 72261LA20TFG Datasheet HTML 5Page - Integrated Device Technology 72261LA20TFG Datasheet HTML 6Page - Integrated Device Technology 72261LA20TFG Datasheet HTML 7Page - Integrated Device Technology 72261LA20TFG Datasheet HTML 8Page - Integrated Device Technology 72261LA20TFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
2013 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-4671/5
©
JULY 2013
IDT, IDT logo are registered trademarks of Integrated Device Technology, Inc. The SuperSync FIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
IDT72261LA
IDT72271LA
CMOS SuperSync FIFO
16,384 x 9
32,768 x 9
FEATURES:
••••• Choose among the following memory organizations:
IDT72261LA 16,384 x 9
IDT72271LA 32,768 x 9
••••• Pin-compatible with the IDT72281/72291 SuperSync FIFOs
••••• 10ns read/write cycle time (8ns access time)
••••• Fixed, low first word data latency time
••••• Auto power down minimizes standby power consumption
••••• Master Reset clears entire FIFO
••••• Partial Reset clears data, but retains programmable settings
••••• Retransmit operation with fixed, low first word data latency time
••••• Empty, Full and Half-Full flags signal FIFO status
••••• Programmable Almost-Empty and Almost-Full flags, each flag
can default to one of two preselected offsets
••••• Program partial flags by either serial or parallel means
••••• Select IDT Standard timing (using EF and FF flags) or First
Word Fall Through timing (using OR and IR flags)
••••• Output enable puts data outputs into high impedance state
••••• Easily expandable in depth and width
••••• Independent Read and Write clocks (permit reading and writing
simultaneously)
FUNCTIONAL BLOCK DIAGRAM
INPUT REGISTER
OUTPUT REGISTER
RAM ARRAY
16,384 x 9
32,768 x 9
FLAG
LOGIC
FF/IR
PAF
EF/OR
PAE
HF
READ POINTER
READ
CONTROL
LOGIC
WRITE CONTROL
LOGIC
WRITE POINTER
RESET
LOGIC
WEN
WCLK
D0 -D8
LD
MRS
REN
RCLK
OE
Q0 -Q8
OFFSET REGISTER
PRS
FWFT/SI
SEN
RT
4671 drw 01
••••• Available in the 64-pin Thin Quad Flat Pack (TQFP) and the 64-
pin Slim Thin Quad Flat Pack (STQFP)
••••• High-performance submicron CMOS technology
••••• Industrial temperature range (–40°C to +85°C) is available
••••• Green parts available, see ordering information
DESCRIPTION:
The IDT72261LA/72271LA are exceptionally deep, high speed, CMOS
First-In-First-Out (FIFO) memories with clocked read and write controls.
These FIFOs offer numerous improvements over previous SuperSync
FIFOs, including the following:
••••• The limitation of the frequency of one clock input with respect to the other
has been removed. The Frequency Select pin (FS) has been removed,
thus it is no longer necessary to select which of the two clock inputs,
RCLK or WCLK, is running at the higher frequency.
••••• The period required by the retransmit operation is now fixed and short.
••••• The first word data latency period, from the time the first word is written
to an empty FIFO to the time it can be read, is now fixed and short. (The
variableclockcyclecountingdelayassociatedwiththelatencyperiodfound
on previous SuperSync devices has been eliminated on this SuperSync
family.)


Similar Part No. - 72261LA20TFG

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7226 GILWAY-7226 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
Integrated Device Techn...
72265LA10PFG IDT-72265LA10PFG Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
72265LA10PFG8 IDT-72265LA10PFG8 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
72265LA10PFGI IDT-72265LA10PFGI Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
72265LA10PFGI8 IDT-72265LA10PFGI8 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
More results

Similar Description - 72261LA20TFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72275 IDT-IDT72275 Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72255LA IDT-IDT72255LA_14 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA_05 Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72291 IDT-IDT72291 Datasheet
277Kb / 26P
   CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com