Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7052L20PFGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 7052L20PFGI
Description  HIGH-SPEED 2K x 8 FourPort STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7052L20PFGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 7052L20PFGI Datasheet HTML 2Page - Integrated Device Technology 7052L20PFGI Datasheet HTML 3Page - Integrated Device Technology 7052L20PFGI Datasheet HTML 4Page - Integrated Device Technology 7052L20PFGI Datasheet HTML 5Page - Integrated Device Technology 7052L20PFGI Datasheet HTML 6Page - Integrated Device Technology 7052L20PFGI Datasheet HTML 7Page - Integrated Device Technology 7052L20PFGI Datasheet HTML 8Page - Integrated Device Technology 7052L20PFGI Datasheet HTML 9Page - Integrated Device Technology 7052L20PFGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6.42
IDT7052S/L
High-Speed 2K x 8 FourPort™ Static RAM
Military, Industrial and Commercial Temperature Ranges
6
Low VCC Data Retention Waveform
Data Retention Characteristics Over All Temperature Ranges(4)
(L Version Only) VLC = 0.2V, VHC = VCC - 0.2V
NOTES:
1. VCC = 2V, TA = +25°C
2. tRC = Read Cycle Time
3. This parameter is guaranteed but not production tested.
4.
Industrial temperature: For other speeds, packages and powers contact your sales office.
AC Test Conditions
Figure 1. AC Output Test Load
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW)
*Including scope and jig
Symbol
Parameter
Test Condition
Min.
Typ.(1)
Max.
Unit
VDR
VCC for Data Retention
VCC = 2V
2.0
___
___
V
ICCDR
Data Retention Current
CE
> VHC
VIN > VHC or < VLC
Com'l.
___
25
600
µA
Mil. & Ind.
___
25
1800
tCDR(3)
Chip Deselect to Data Retention Time
0
___
___
ns
tR(3)
Operation Recovery Time
tRC(2)
___
___
ns
2674 tbl 08a
DATA RETENTION MODE
VCC
CE
2674 drw 05
4.5V
tCDR
tR
VIH
VDR
VIH
4.5V
VDR
2V
347
893
30pF
5V
2674 drw 06
DATAOUT
347
893
5pF*
5V
DATAOUT
,
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
5ns Max.
1.5V
1.5V
Figures 1 and 2
2674 tbl 08b


Similar Part No. - 7052L20PFGI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7052 ETC2-7052 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
7052 ETC2-7052 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Molex Electronics Ltd.
70520 MOLEX5-70520 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 20 Circuits
70520 MOLEX11-70520 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 20 Circuits
70520-50 MOLEX5-70520-50 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 20 Circuits
More results

Similar Description - 7052L20PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S Datasheet
99Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7132SA IDT-IDT7132SA Datasheet
175Kb / 11P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com