Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70261S25PFG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 70261S25PFG
Description  HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70261S25PFG Datasheet(HTML) 1 Page - Integrated Device Technology

  70261S25PFG Datasheet HTML 1Page - Integrated Device Technology 70261S25PFG Datasheet HTML 2Page - Integrated Device Technology 70261S25PFG Datasheet HTML 3Page - Integrated Device Technology 70261S25PFG Datasheet HTML 4Page - Integrated Device Technology 70261S25PFG Datasheet HTML 5Page - Integrated Device Technology 70261S25PFG Datasheet HTML 6Page - Integrated Device Technology 70261S25PFG Datasheet HTML 7Page - Integrated Device Technology 70261S25PFG Datasheet HTML 8Page - Integrated Device Technology 70261S25PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©2015 Integrated Device Technology, Inc.
JUNE 2015
DSC 3039/11
1
HIGH-SPEED
16K x 16 DUAL-PORT
STATIC RAM WITH INTERRUPT
Features
True Dual-Ported memory cells which allow simultaneous
access of the same memory location
High-speed access
– Commercial: 15/20/25/35/55ns (max.)
– Industrial 20/25ns (max.)
Low-power operation
– IDT70261S
Active: 750mW (typ.)
Standby: 5mW (typ.)
– IDT70261L
Active: 750mW (typ.)
Standby: 1mW (typ.)
Separate upper-byte and lower-byte control for multiplexed
bus compatibility
IDT70261 easily expands data bus width to 32 bits or more
using the Master/Slave select when cascading more than
one device
M/S = H for BUSY output flag on Master,
M/S = L for BUSY input on Slave
Busy and Interrupt Flags
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
TTL-compatible, single 5V (±10%) power supply
Available in 100-pin Thin Quad Flatpack
Industrial temperature range (-40OC to +85OC) is available
for selected speeds
Green parts available. See ordering information
Functional Block Diagram
NOTES:
1. (MASTER): BUSY is output; (SLAVE): BUSY is input.
2. BUSY and INT outputs are non-tri-stated push-pull.
IDT70261S/L
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/WL
BUSYL
A13L
A0L
3039 drw 01
UBL
LBL
CEL
OEL
I/O8L-I/O15L
I/O0L-I/O7L
CEL
OEL
R/
WL
SEML
INTL
M/
S
R/WR
BUSYR
UBR
LBR
CER
OER
I/O8R-I/O15R
I/O0R-I/O7R
A13R
A0R
R/
WR
SEMR
INTR
CER
OER
(2)
(1,2)
(1,2)
(2)
14
14


Similar Part No. - 70261S25PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70261S25PFG IDT-70261S25PFG Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
70261S25PFG8 IDT-70261S25PFG8 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
70261S25PFGI IDT-70261S25PFGI Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
70261S25PFGI8 IDT-70261S25PFGI8 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 70261S25PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70261S RENESAS-70261S Datasheet
509Kb / 21P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
JULY 2019
logo
Integrated Device Techn...
IDT70261S IDT-IDT70261S_09 Datasheet
167Kb / 19P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT70261S IDT-IDT70261S Datasheet
245Kb / 19P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com