Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70125S35JGI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 70125S35JGI
Description  HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70125S35JGI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 70125S35JGI Datasheet HTML 6Page - Integrated Device Technology 70125S35JGI Datasheet HTML 7Page - Integrated Device Technology 70125S35JGI Datasheet HTML 8Page - Integrated Device Technology 70125S35JGI Datasheet HTML 9Page - Integrated Device Technology 70125S35JGI Datasheet HTML 10Page - Integrated Device Technology 70125S35JGI Datasheet HTML 11Page - Integrated Device Technology 70125S35JGI Datasheet HTML 12Page - Integrated Device Technology 70125S35JGI Datasheet HTML 13Page - Integrated Device Technology 70125S35JGI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
6.42
IDT70121/IDT70125
High-Speed 2K x 9 Dual-Port Static RAM with Busy & Interrupt
Industrial and Commercial Temperature Ranges
10
AC Electrical Characteristics Over the Operating Temperature
and Supply Voltage Range(6)
NOTES:
1. Port-to-port delay through RAM cells from writing port to reading port, refer to “Timing Waveform of Write with Port-to-Port Read and BUSY.
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual) or tDDD – tDW (actual).
4. To ensure that a write cycle is inhibited on port 'B' during contention on port 'A'..
5. To ensure that a write cycle is completed on port 'B' after contention on port 'A'.
6. 'X' in part numbers indicates power rating (S or L).
70121X25
70125X25
Com'l Only
70121X35
70125X35
Com'l
& Ind
Symbol
Parameter
Min.Max.Min.Max.
Unit
BUSY
TIMING (For MASTER IDT70121)
tBAA
BUSY
Access Time from Address
____
20
____
20
ns
tBDA
BUSY
Disable Time from Address
____
20
____
20
ns
tBAC
BUSY
Access Time from Chip Enable
____
20
____
20
ns
tBDC
BUSY
Disable Time from Chip Enable
____
20
____
20
ns
tWDD
Write Pulse to Data Delay(1)
50
60
tDDD
Write Data Valid to Read Data Delay(1)
35
45
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
ns
tBDD
BUSY
Disable to Valid Data(3)
____
30
____
30
ns
tWH
Write Hold After BUSY(5)
15
____
20
____
ns
BUSY
INPUT TIMING (For SLAVE IDT70125)
tWB
Write to BUSY Input(4)
0
____
0
____
ns
tWH
Write Hold After BUSY(5)
15
____
20
____
ns
tWDD
Write Pulse to Data Delay(1)
____
50
____
60
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
35
____
45
ns
2654 tbl 11a
70121X55
70125X55
Com'l Only
Symbol
Parameter
Min.
Max.
Unit
BUSY
TIMING (For MASTER IDT 70121)
tBAA
BUSY
Access Time from Address
____
30
ns
tBDA
BUSY
Disable Time from Address
____
30
ns
tBAC
BUSY
Access Time from Chip Enable
____
30
ns
tBDC
BUSY
Disable Time from Chip Enable
____
30
ns
tWDD
Write Pulse to Data Delay(1)
80
tDDD
Write Data Valid to Read Data Delay(1)
65
tAPS
Arbitration Priority Set-up Time(2)
5
____
ns
tBDD
BUSY
Disable to Valid Data(3)
____
45
ns
tWH
Write Hold After BUSY(5)
20
____
ns
BUSY
INPUT TIMING (For SLAVE IDT 70125)
tWB
Write to BUSY Input(4)
0
____
ns
tWH
Write Hold After BUSY(5)
20
____
ns
tWDD
Write Pulse to Data Delay(1)
____
80
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
65
ns
2654 tbl 11b


Similar Part No. - 70125S35JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70125S35JGI IDT-70125S35JGI Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
70125S35JGI8 IDT-70125S35JGI8 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - 70125S35JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S Datasheet
168Kb / 12P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S_06 Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_17 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
   HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com