Electronic Components Datasheet Search |
|
72811L25TFG8 Datasheet(PDF) 4 Page - Integrated Device Technology |
|
72811L25TFG8 Datasheet(HTML) 4 Page - Integrated Device Technology |
4 / 10 page 4 IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9 COMMERCIAL AND INDUSTRIAL TEMPERATURERANGES MARCH 2013 Symbol Parameter Min. Typ. Max. Unit VCC SupplyVoltage (Com'l & Ind'l) 4.5 5.0 5.5 V GND SupplyVoltage (Com'l & Ind'l) 0 0 0 V VIH InputHighVoltage (Com'l & Ind'l) 2.0 — — V VIL InputLowVoltage (Com'l & Ind'l) — — 0.8 V TA OperatingTemperature 0 — 70 °C Commercial TA OperatingTemperature –40 — 85 °C Industrial Symbol Rating Com'l & Ind'l Unit VTERM Terminal Voltage with –0.5 to +7.0 V Respect to GND TSTG Storage Temperature –55to+125 °C IOUT DC Output Current –50to+50 mA NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. ABSOLUTE MAXIMUM RATINGS DC ELECTRICAL CHARACTERISTICS (Commercial: VCC = 5V ± 10%, TA = 0 °C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C) IDT72801 IDT72811 IDT72821 IDT72831 IDT72841 IDT72851 Commercial and Industrial(1) Commercial and Industrial(1) tCLK = 10, 15, 25 ns tCLK = 10, 15, 25 ns Symbol Parameter Min. Typ. Max. Min. Typ. Max. Unit ILI(2) InputLeakageCurrent(AnyInput) –1 — 1 –1 — 1 μA ILO(3) OutputLeakageCurrent –10 — 10 –10 — 10 μA VOH Output Logic “1” Voltage, IOH = –2 mA 2.4 — — 2.4 — — V VOL Output Logic “0” Voltage, IOL = 8 mA — — 0.4 — — 0.4 V ICC1(4,5,6,8) Active Power Supply Current (both FIFOs) — — 60 — — 80 mA ICC2(4,7,8) StandbyCurrent — — 10 — — 10 mA Symbol Parameter Conditions Max. Unit CIN(2) InputCapacitance VIN = 0V 10 pF COUT(1,2) OutputCapacitance VOUT = 0V 10 pF RECOMMENDEDOPERATINGCONDITIONS NOTES: 1. Industrial temperature range product for 15ns and 25ns speed grade are available as a standard device. 2. Measurements with 0.4 ≤ VIN ≤ VCC. 3. OE ≥ VIH, 0.4 ≤ VOUT ≤ VCC. 4. Tested with outputs open (IOUT = 0). 5. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz. 6. Typical ICC1 = 2*[1.7 + 0.7*fS + 0.02*CL*fS] (in mA). These equations are valid under the following conditions: VCC = 5V, TA = 25°°°°°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF). 7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz. 8. ICC1 and ICC2 parameters are improved as compared to previous data sheets. CAPACITANCE (TA = +25°C, f = 1.0MHz) NOTE: 1. With output deselected (OEA, OEB ≥≥≥≥≥ VIH). 2. Characterized values, not currently tested. |
Similar Part No. - 72811L25TFG8 |
|
Similar Description - 72811L25TFG8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |