Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7052S35PFG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 7052S35PFG
Description  HIGH-SPEED 2K x 8 FourPort STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7052S35PFG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 7052S35PFG Datasheet HTML 3Page - Integrated Device Technology 7052S35PFG Datasheet HTML 4Page - Integrated Device Technology 7052S35PFG Datasheet HTML 5Page - Integrated Device Technology 7052S35PFG Datasheet HTML 6Page - Integrated Device Technology 7052S35PFG Datasheet HTML 7Page - Integrated Device Technology 7052S35PFG Datasheet HTML 8Page - Integrated Device Technology 7052S35PFG Datasheet HTML 9Page - Integrated Device Technology 7052S35PFG Datasheet HTML 10Page - Integrated Device Technology 7052S35PFG Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
6.42
IDT7052S/L
High-Speed 2K x 8 FourPort™ Static RAM
Military, Industrial and Commercial Temperature Ranges
7
2674 drw 08
tAOE
tLZ
tHZ
DATAOUT
CE
tACE
VALID DATA
OE
CURRENT
ICC
ISB
tPU
50%
tLZ
tPD
50%
tHZ
2674 drw 07
tAA
tOH
tOH
DATAOUT
ADDRESS
tRC
DATA VALID
PREVIOUS DATA VALID
Timing Waveform of Read Cycle No. 1, Any Port(1)
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(3)
NOTES:
1. Transition is measured 0mV from Low or High-Impedance voltage with the Output Test Load (Figure 2)
2. This parameter is guaranteed by device characterization but is not production tested.
3. 'X' in part number indicates power rating (S or L)
Timing Waveform of Read Cycle No. 2, Any Port(1,2)
NOTE:
1. R/W = VIH, OE = VIL and CE = VIL.
NOTES:
1. R/W = VIH for Read Cycles.
2. Addresses valid prior to or coincident with CE transition LOW.
7052X20
Com'l Only
7052X25
Com'l, Ind
& Military
7052X35
Com'l &
Military
Symbol
Parameter
Min.
Max.Min.Max.Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
20
____
25
____
35
____
ns
tAA
Address Access Time
____
20
____
25
____
35
ns
tACE
Chip Enable Access Time
____
20
____
25
____
35
ns
tAOE
Output Enable Access Time
____
10
____
15
____
25
ns
tOH
Output Hold from Address Change
0
____
0
____
0
____
ns
tLZ
Output Low-Z Time(1,2)
5
____
5
____
5
____
ns
tHZ
Output High-Z Time(1,2)
____
12
____
15
.____
15
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
20
____
25
____
35
ns
2674 tbl 09


Similar Part No. - 7052S35PFG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7052 ETC2-7052 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
7052 ETC2-7052 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Molex Electronics Ltd.
70520 MOLEX5-70520 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 20 Circuits
70520 MOLEX11-70520 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 20 Circuits
70520-50 MOLEX5-70520-50 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 20 Circuits
More results

Similar Description - 7052S35PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S Datasheet
99Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7132SA IDT-IDT7132SA Datasheet
175Kb / 11P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com