Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7027S55PFG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 7027S55PFG
Description  HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7027S55PFG Datasheet(HTML) 4 Page - Integrated Device Technology

  7027S55PFG Datasheet HTML 1Page - Integrated Device Technology 7027S55PFG Datasheet HTML 2Page - Integrated Device Technology 7027S55PFG Datasheet HTML 3Page - Integrated Device Technology 7027S55PFG Datasheet HTML 4Page - Integrated Device Technology 7027S55PFG Datasheet HTML 5Page - Integrated Device Technology 7027S55PFG Datasheet HTML 6Page - Integrated Device Technology 7027S55PFG Datasheet HTML 7Page - Integrated Device Technology 7027S55PFG Datasheet HTML 8Page - Integrated Device Technology 7027S55PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
6.42
IDT7027S/L
High-Speed 32K x 16 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
NOTES:
1. Chip Enable references are shown above with the actual CE0 and CE1 levels, CE is a reference only.
2. Port "A" and "B" references are located where CE is used.
3. "H" = VIH and "L" = VIL.
Truth Table I – Chip Enable
Truth Table II – Non-Contention Read/Write Control
NOTES:
1. A0L — A14L
≠ A0R — A14R.
2. Refer to Chip Enable Truth Table.
Truth Table III – Semaphore Read/Write Control
NOTES:
1. There are eight semaphore flags written to via I/O0 and read from all the I/Os (I/O0 __I/O15). These eight semaphore flags are addressed by A0-A2.
2. Refer to Chip Enable Truth Table.
CE
CE0
CE1
Mode
L
VIL
VIH
Port Selected (TTL Active)
< 0.2V
>VCC - 0.2V
Port Selected (CMOS Active)
H
VIH
X
Port Deselected (TTL Inactive)
XVIL
Port Deselected (TTL Inactive)
>VCC - 0.2V
X
Port Deselected (CMOS Inactive)
X<0.2V
Port Deselected (CMOS Inactive)
3199 tbl 02
Inputs(1)
Outputs
Mode
CE(2)
R/W
OE
UB
LB
SEM
I/O8-15
I/O0-7
H
X
X
X
X
H
High-Z
High-Z
Deselected: Power-Down
X
X
X
H
H
H
High-Z
High-Z
Both Bytes Deselected
LL
X
L
H
H
DATAIN
High-Z
Write to Upper Byte Only
LL
X
H
L
H
High-Z
DATAIN
Write to Lower Byte Only
LL
X
L
L
H
DATAIN
DATAIN
Write to Both Bytes
LH
L
L
H
H
DATAOUT
High-Z
Read Upper Byte Only
LH
LH
LH
High-Z
DATAOUT Read Lower Byte Only
LH
L
L
LH
DATAOUT
DATAOUT Read Both Bytes
X
X
H
X
X
X
High-Z
High-Z
Outputs Disabled
3199 tbl 03
Inputs(1)
Outputs
Mode
CE(2)
R/W
OE
UB
LB
SEM
I/O8-15
I/O0-7
HH
L
X
X
L
DATAOUT
DATAOUT Read Data in Semaphore Flag
XH
L
H
H
L
DATAOUT
DATAOUT Read Data in Semaphore Flag
H
XX
X
L
DATAIN
DATAIN
Write I/O0 into Semaphore Flag
X
XH
H
L
DATAIN
DATAIN
Write I/O0 into Semaphore Flag
L
X
XL
XL
______
______
Not Allowed
LX
X
X
L
L
______
______
Not Allowed
3199 tbl 04


Similar Part No. - 7027S55PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7027S55PFG IDT-7027S55PFG Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
7027S55PFG8 IDT-7027S55PFG8 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
7027S55PFGI IDT-7027S55PFGI Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
7027S55PFGI8 IDT-7027S55PFGI8 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 7027S55PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7027S IDT-IDT7027S_18 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S Datasheet
160Kb / 19P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S Datasheet
192Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V9279S IDT-IDT70V9279S Datasheet
337Kb / 19P
   HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7037 IDT-IDT7037 Datasheet
150Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com