Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7027S55PFG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 7027S55PFG
Description  HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7027S55PFG Datasheet(HTML) 1 Page - Integrated Device Technology

  7027S55PFG Datasheet HTML 1Page - Integrated Device Technology 7027S55PFG Datasheet HTML 2Page - Integrated Device Technology 7027S55PFG Datasheet HTML 3Page - Integrated Device Technology 7027S55PFG Datasheet HTML 4Page - Integrated Device Technology 7027S55PFG Datasheet HTML 5Page - Integrated Device Technology 7027S55PFG Datasheet HTML 6Page - Integrated Device Technology 7027S55PFG Datasheet HTML 7Page - Integrated Device Technology 7027S55PFG Datasheet HTML 8Page - Integrated Device Technology 7027S55PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©2015 Integrated Device Technology, Inc.
AUGUST 2015
DSC 3199/10
1
Functional Block Diagram
Features
True Dual-Ported memory cells which allow simultaneous
access of the same memory location
High-speed access
– Commercial: 15/20/25/35/55ns (max.)
– Industrial: 20/25ns (max.)
Low-power operation
– IDT7027S
Active: 750mW (typ.)
Standby: 5mW (typ.)
– IDT7027L
Active: 750mW (typ.)
Standby: 1mW (typ.)
Separate upper-byte and lower-byte control for bus
matching capability.
Dual chip enables allow for depth expansion without
external logic
HIGH-SPEED
32K x 16 DUAL-PORT
STATIC RAM
IDT7027S/L
IDT7027 easily expands data bus width to 32 bits or more
using the Master/Slave select when cascading more than
one device
M/S = VIH for BUSY output flag on Master,
M/S = VIL for BUSY input on Slave
Busy and Interrupt Flags
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
TTL-compatible, single 5V (±10%) power supply
Available in 100-pin Thin Quad Flatpack (TQFP) and 108-pin
Ceramic Pin Grid Array (PGA)
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Green parts available, see ordering information
NOTES:
1. BUSY is an input as a Slave (M/S=VIL) and an output as a Master (M/S=VIH).
2. BUSY and INT are non-tri-state totem-pole outputs (push-pull).
I/O
Control
Address
Decoder
32Kx16
MEMORY
ARRAY
7027
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
CE0L
OEL
R/
WL
A14L
A0L
A14L
A0L
SEML
INTL
(2)
BUSYL
LBL
CE0L
OEL
UBL
I/O
Control
Address
Decoder
CE0R
OER
R/
WR
A14R
A0R
A14R
A0R
SEMR
INTR
(2)
BUSYR
(1,2)
LBR
R/WR
OER
UBR
M/
S
(2)
CE1L
CE0R
CE1R
3199 drw 01
I/O
CE1R
CE1L
8-15L
I/O
I/O0-7R
I/O8-15R
0-7L
R/WL
.


Similar Part No. - 7027S55PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7027S55PFG IDT-7027S55PFG Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
7027S55PFG8 IDT-7027S55PFG8 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
7027S55PFGI IDT-7027S55PFGI Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
7027S55PFGI8 IDT-7027S55PFGI8 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 7027S55PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7027S IDT-IDT7027S_18 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S Datasheet
160Kb / 19P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S Datasheet
192Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V9279S IDT-IDT70V9279S Datasheet
337Kb / 19P
   HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7037 IDT-IDT7037 Datasheet
150Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com