Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72821L25TFG8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 72821L25TFG8
Description  DUAL CMOS SyncFIFO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72821L25TFG8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 72821L25TFG8 Datasheet HTML 2Page - Integrated Device Technology 72821L25TFG8 Datasheet HTML 3Page - Integrated Device Technology 72821L25TFG8 Datasheet HTML 4Page - Integrated Device Technology 72821L25TFG8 Datasheet HTML 5Page - Integrated Device Technology 72821L25TFG8 Datasheet HTML 6Page - Integrated Device Technology 72821L25TFG8 Datasheet HTML 7Page - Integrated Device Technology 72821L25TFG8 Datasheet HTML 8Page - Integrated Device Technology 72821L25TFG8 Datasheet HTML 9Page - Integrated Device Technology 72821L25TFG8 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
MARCH 2013
NOTES:
1. Holding WENA2/LDA (WENB2/LDB) HIGH during reset will make the pin act as a second write enable pin. Holding WENA2/LDA (WENB2/LDB) LOW
during reset will make the pin act as a load enable for the programmable flag offset registers.
2. After reset, QA0 - QA8 (QB0 - QB8) will be LOW if OEA (OEB) = 0 and tri-state if OEA (OEB) = 1.
3. The clocks RCLKA, WCLKA (RCLKB, WCLKB) can be free-running during reset.
Figure 4. Reset Timing
tRS
tRSR
RSA (RSB)
RENA1, RENA2
(
RENB1, RENB2)
tRSF
tRSF
OEA (OEB) = 1
OEA (OEB) = 0
(2)
EFA, PAEA
(
EFB, PAEB)
FFA, PAFA
(
FFB, PAFB)
QA0 - QA8
(QB0 - QB8)
3034 drw 05
WENA1
(
WENB1)
tRSS
tRSF
tRSR
tRSS
tRSR
tRSS
WENA2/
LDA
(WENB2/
LDB)
(1)
NOTE:
1. tSKEW1 is the minimum time between a rising RCLKA (RCLKB) edge and a rising WCLKA (WCLKB) edge for FFA (FFB) to change during the current clock cycle. If the time between
the rising edge of RCLKA (RCLKB) and the rising edge of WCLKA (WCLKB) is less than tSKEW1, then FFA (FFB) may not change state until the next WCLKA (WCLKB) edge.
Figure 5. Write Cycle Timing
tDH
tENH
tSKEW1(1)
tCLK
tCLKH
tCLKL
tDS
tENS
tWFF
tWFF
WCLKA (WCLKB)
DA0 - DA8
(DB0 - DB8)
WENA1
(
WENB1)
WENA2 (WENB2)
(If Applicable)
FFA
(
FFB)
RCLKA (RCLKB)
RENA1, RENA2
(
RENB1, RENB2)
NO OPERATION
NO OPERATION
3034 drw 06
DATA IN VALID
tENS
tENH


Similar Part No. - 72821L25TFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72821L25LPFG RENESAS-72821L25LPFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72821L25LPFG8 RENESAS-72821L25LPFG8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72821L25LPFGI RENESAS-72821L25LPFGI Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72821L25LPFGI8 RENESAS-72821L25LPFGI8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72821L25LTFG RENESAS-72821L25LTFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
More results

Similar Description - 72821L25TFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com