Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C512A-WNN-CZ0B0151 Datasheet(PDF) 1 Page - Cree, Inc

Part # C512A-WNN-CZ0B0151
Description  Cree 5-mm Round LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C512A-WNN-CZ0B0151 Datasheet(HTML) 1 Page - Cree, Inc

  C512A-WNN-CZ0B0151 Datasheet HTML 1Page - Cree, Inc C512A-WNN-CZ0B0151 Datasheet HTML 2Page - Cree, Inc C512A-WNN-CZ0B0151 Datasheet HTML 3Page - Cree, Inc C512A-WNN-CZ0B0151 Datasheet HTML 4Page - Cree, Inc C512A-WNN-CZ0B0151 Datasheet HTML 5Page - Cree, Inc C512A-WNN-CZ0B0151 Datasheet HTML 6Page - Cree, Inc C512A-WNN-CZ0B0151 Datasheet HTML 7Page - Cree, Inc C512A-WNN-CZ0B0151 Datasheet HTML 8Page - Cree, Inc C512A-WNN-CZ0B0151 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PRODUCT FAMILY DATA SHEET
Cree® 5
-mm Round LED
C512A-WNS/WNN
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
Round LEDs offer superior light out-
put for excellent readability in sun-
light and dependable performance.
They provide extremely stable light
output over long periods of time.
These lamps are made with an
advanced optical grade epoxy
offering superior high temperature
and high moisture resistance
performance in lighting and
illumination applications.
FEATURES
• Size (mm): 5
• Color Temperatures:
Cool White :
Min . (4600K) / Typical (9000K)
• Luminous Intensity (mcd)
C512A-WNS/WNN:
(8200-32900)
• Viewing angle:
C512A-WNS/WNN: 25 degree
• Lead-Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Torch
• Light Strip
• Channel Letter
• Retail Display Lighting


Similar Part No. - C512A-WNN-CZ0B0151

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C512A-WNN-CZ0B0151 CREE-C512A-WNN-CZ0B0151 Datasheet
979Kb / 10P
   Cree 5mm Round LED
More results

Similar Description - C512A-WNN-CZ0B0151

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503C-RCS CREE-C503C-RCS Datasheet
950Kb / 9P
   Cree 5-mm Red and Amber Round LED
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
   5-mm Round LED
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
LC534TBL1-60Q-A CREE-LC534TBL1-60Q-A Datasheet
328Kb / 5P
   5-mm Round LED
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
   5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
   5-mm Round LED
logo
Marktech Corporate
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
   5-mm Round LED
logo
Cree, Inc
LC503TPG1-30P-A1 CREE-LC503TPG1-30P-A1 Datasheet
333Kb / 5P
   5-mm Round LED
LC503TWN1-50Q-A1 CREE-LC503TWN1-50Q-A1 Datasheet
365Kb / 6P
   5-mm Round LED
LC512TWR1-25P-A1 CREE-LC512TWR1-25P-A1 Datasheet
352Kb / 6P
   5-mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com