Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4SMF-GJS-CV14Q7T1 Datasheet(PDF) 1 Page - Cree, Inc

Part # C4SMF-GJS-CV14Q7T1
Description  Cree Screen Master 4-mm Oval LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMF-GJS-CV14Q7T1 Datasheet(HTML) 1 Page - Cree, Inc

  C4SMF-GJS-CV14Q7T1 Datasheet HTML 1Page - Cree, Inc C4SMF-GJS-CV14Q7T1 Datasheet HTML 2Page - Cree, Inc C4SMF-GJS-CV14Q7T1 Datasheet HTML 3Page - Cree, Inc C4SMF-GJS-CV14Q7T1 Datasheet HTML 4Page - Cree, Inc C4SMF-GJS-CV14Q7T1 Datasheet HTML 5Page - Cree, Inc C4SMF-GJS-CV14Q7T1 Datasheet HTML 6Page - Cree, Inc C4SMF-GJS-CV14Q7T1 Datasheet HTML 7Page - Cree, Inc C4SMF-GJS-CV14Q7T1 Datasheet HTML 8Page - Cree, Inc C4SMF-GJS-CV14Q7T1 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT FAMILY DATA SHEET
Cree® Screen Master® 4-mm Oval LED
C4SMF-RJS/GJS/BJS
C4SME-RJS
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
The oval LED is specifically designed
for variable-message signs and pas-
senger-information signs.The oval-
shaped radiation pattern and high
luminous intensity ensure that these
devices are excellent for wide-field-
of -view outdoor applications where a
wide viewing angle and readability in
sunlight are essential.
These lamps are made with an ad-
vanced optical-grade epoxy that offers
superior high-temperature and high-
moisture-resistance performance in
outdoor signal and sign applications.
The encapsulation resin contains anti-
UV material in order to reduce the ef-
fects of long-term exposure to direct
sunlight.
FEATURES
Size (mm): 4
Color and Typical Dominant
Wavelength:
Red (621nm)
Green(527nm)
Blue(470nm)
Luminous Intensity (mcd)
C4SMF-RJS:(1100-4180)
C4SMF-GJS:(2130-8200)
C4SMF-BJS:(550-2130)
C4SME-RJS:(770-2130)
Lead - Free
RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
Electronic Signs & Signals(ESS)
Full Color video screen
Motorway Signs
Variable Message Sign (VMS)
Advertising signs
Petrol Signs


Similar Part No. - C4SMF-GJS-CV14Q7T1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMF-GJF CREE-C4SMF-GJF Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-GJF-CV0Y0791 CREE-C4SMF-GJF-CV0Y0791 Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-GJF-CV0Y0792 CREE-C4SMF-GJF-CV0Y0792 Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-GJF-CW14Q7S1 CREE-C4SMF-GJF-CW14Q7S1 Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-GJF-CW14Q7S2 CREE-C4SMF-GJF-CW14Q7S2 Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
More results

Similar Description - C4SMF-GJS-CV14Q7T1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMA-RGF CREE-C4SMA-RGF Datasheet
899Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMC-RGF CREE-C4SMC-RGF Datasheet
848Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-RJF CREE-C4SMF-RJF Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
   Cree Screen Master 5-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com