Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29F400TR45 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY29F400TR45
Description  4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F400TR45 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY29F400TR45 Datasheet HTML 5Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 6Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 7Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 8Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 9Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 10Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 11Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 12Page - Hynix Semiconductor HY29F400TR45 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
Rev. 5.2/May 01
HY29F400
The procedure for sector unprotection is illustrated
in the flow chart in Figure 2, and timing specifica-
tions and waveforms are given at the end of this
document. Note that to unprotect any sector, all
unprotected sectors must first be protected prior
to the first unprotect write cycle.
Sectors can also be temporarily unprotected as
described in the next section.
Temporary Sector Unprotect Operation
This feature allows temporary unprotection of pre-
viously protected sectors to allow changing the
data in-system. Temporary Sector Unprotect
mode is activated by setting the RESET# pin to
V
ID.
While in this mode, formerly protected sec-
tors can be programmed or erased by invoking
the appropriate commands (see Device Com-
mands section). Once V
ID is removed from RE-
SET#, all the previously protected sectors are pro-
tected again. Figure 3 illustrates the algorithm.
START
NOTE: All sectors must be
previously protected.
Set: TRYCNT = 1
Set: A[9] = CE# = OE# = V
ID
Set: RESET# = V
IH
WE# = V
IL
Wait t
WPP2
Set:
A[9] = V
ID
OE# = CE# = V
IL
Read Data
Data = 0x00?
NSEC = 10?
YES
TRYCNT = 1000?
NO
Increment TRYCNT
NO
YES
DEVICE FAILURE
NO
YES
Remove V
ID from A[9]
SECTOR UNPROTECT
COMPLETE
APPLY V
CC
Set Sector Address:
A[17:12] = Sector NSEC
A[0] = A[6] = V
IL
A[1] = V
IH
NSEC = NSEC + 1
Set: NSEC = 0
WE# = V
IH
Figure 2. Sector Unprotect Procedure
START
RESET# = V
ID
(All protected sector groups
become unprotected)
Perform Program or Erase
Operations
RESET# = V
IH
(All previously protected
sector groups return to
protected state)
TEMPORARY SECTOR
UNPROTECT COMPLETE
Figure 3. Temporary Sector Unprotect


Similar Part No. - HY29F400TR45

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400A HYNIX-HY29F400A Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-50 HYNIX-HY29F400ABG-50 Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-50I HYNIX-HY29F400ABG-50I Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-55 HYNIX-HY29F400ABG-55 Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-55I HYNIX-HY29F400ABG-55I Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
More results

Similar Description - HY29F400TR45

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400A HYNIX-HY29F400A Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29F800A HYNIX-HY29F800A Datasheet
263Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com