Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1184 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # AAT1184
Description  Small Solution Size
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1184 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  AAT1184 Datasheet HTML 1Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 2Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
AAT1184
High Voltage Step-Down Regulator
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202000A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 29, 2012
Typical Characteristics
Step-Down Converter Efficiency vs. Load
(VOUT = 3.3V; L = 4.7µH)
Output Current (mA)
0.1
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
VIN = 6V
VIN = 8V
VIN = 12V
VIN = 18V
VIN = 24V
Step-Down Converter Efficiency vs. Load
(VOUT = 5V; L = 4.7µH)
Output Current (mA)
0.1
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
VIN = 6V
VIN = 8V
VIN = 12V
VIN = 18V
VIN = 24V
Step-Down Converter DC Regulation
(VOUT = 3.3V; L = 4.7µH)
Output Current (mA)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0.1
1
10
100
1000
10000
VIN = 6V
VIN = 8V
VIN = 12V
VIN = 18V
VIN = 24V
Step-Down Converter DC Regulation
(VOUT = 5V; L = 4.7µH)
Output Current (mA)
0.1
1
10
100
1000
10000
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VIN = 6V
VIN = 8V
VIN = 12V
VIN = 18V
VIN = 24V
Step-Down Converter Line Regulation
(VOUT = 3.3V; L = 4.7µH)
Input Voltage (V)
6
8
10
12
14
16
18
20
22
24
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
IOUT = 0.1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 600mA
IOUT = 1200mA
Step-Down Converter Line Regulation
(VOUT = 5V; L = 4.7µH)
Input Voltage (V)
6
8
10
12
14
16
18
20
22
24
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
IOUT = 0.1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 600mA
IOUT = 1200mA


Similar Part No. - AAT1184

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
AAT1184ITP-0.6-T1 ANALOGICTECH-AAT1184ITP-0.6-T1 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
More results

Similar Description - AAT1184

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77596 MAXIM-MAX77596 Datasheet
1Mb / 16P
   Minimizes Solution Size
Rev 1; 3/16
MAX16141EVKIT MAXIM-MAX16141EVKIT Datasheet
433Kb / 8P
   Demonstrates Compact Solution Size
Rev 1; 12/19
logo
Texas Instruments
TPS63805 TI-TPS63805_V02 Datasheet
3Mb / 42P
[Old version datasheet]   TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
AUGUST 2021
logo
Keysight Technologies
E6650A-001 KEYSIGHT-E6650A-001 Datasheet
1Mb / 8P
   Small Cell Test, Reference Solution
logo
RF Monolithics, Inc
SF2190B RFM-SF2190B Datasheet
626Kb / 5P
   Small Size
logo
Texas Instruments
TPS63802 TI1-TPS63802 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, High-Efficient, Low IQ Buck-Boost Converter with Small Solution Size
logo
Murata Manufacturing Co...
BLM15HB121SZ1 MURATA1-BLM15HB121SZ1_V01 Datasheet
241Kb / 3P
   Small size: 1.0x0.5mm
Last updated06/30/2022
DLW21SH391XQ2 MURATA1-DLW21SH391XQ2 Datasheet
583Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
DLW21SH121HQ2 MURATA1-DLW21SH121HQ2 Datasheet
583Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
DLW21SN900HQ2 MURATA1-DLW21SN900HQ2_V01 Datasheet
392Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com