Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7024L70JGI8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 7024L70JGI8
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7024L70JGI8 Datasheet(HTML) 5 Page - Integrated Device Technology

  7024L70JGI8 Datasheet HTML 1Page - Integrated Device Technology 7024L70JGI8 Datasheet HTML 2Page - Integrated Device Technology 7024L70JGI8 Datasheet HTML 3Page - Integrated Device Technology 7024L70JGI8 Datasheet HTML 4Page - Integrated Device Technology 7024L70JGI8 Datasheet HTML 5Page - Integrated Device Technology 7024L70JGI8 Datasheet HTML 6Page - Integrated Device Technology 7024L70JGI8 Datasheet HTML 7Page - Integrated Device Technology 7024L70JGI8 Datasheet HTML 8Page - Integrated Device Technology 7024L70JGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
6.42
IDT7024S/L
High-Speed 4K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
5
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VCC = 5.0V ± 10%)
NOTES:
1. This parameter are determined by device characterization, but is not
production tested.
2. 3dV references the interpolated capacitance when the input and
output signals switch from 0V to 3V or from 3V to 0V.
Capacitance (TA = +25°C, f = 1.0MHz)(1)
NOTES:
1. 'X' in part number indicates power rating (S or L)
2. VCC = 5V, TA = +25°C, and are not production tested. ICC DC = 120mA (TYP.)
3. At f = fMAX
, address and I/O'S are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input levels of GND to 3V.
4. f = 0 means no address or control lines change.
5. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
NOTE:
1. At Vcc < 2.0V input leakages are undefined.
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1) (VCC= 5.0V ± 10%)
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VOUT = 3dV
10
pF
2740 tbl 07
Symbol
Parameter
Test Conditions
7024S
7024L
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V, VIN = 0V to VCC
___
10
___
5µA
|ILO|
Output Leakage Current
CE = VIH, VOUT = 0V to VCC
___
10
___
5µA
VOL
Output Low Voltage
IOL = +4mA
___
0.4
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
2740 tbl 08
7024X15
Com'l Only
7024X17
Com'l Only
7024X20
Com'l, Ind
& Military
7024X25
Com'l &
Military
Symbol
Parameter
Test Condition
Version
Typ.
(2)
Max.
Typ.
(2)
Max.
Typ.
(2)
Max.
Typ.
(2)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CE = VIL,
Outputs Disabled
SEM = VIH
f = fMAX(3)
COM'L
S
L
170
170
310
260
170
170
310
260
160
160
290
240
155
155
265
220
mA
MIL &
IND
S
L
____
____
____
____
____
____
____
____
160
160
370
320
155
155
340
280
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CER = CEL = VIH
SEMR = SEML = VIH
f = fMAX(3)
COM'L
S
L
20
20
60
50
20
20
60
50
20
20
60
50
16
16
60
50
mA
MIL &
IND
S
L
____
____
____
____
____
____
____
____
20
20
90
70
16
16
80
65
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX
(3)
SEMR = SEML = VIH
COM'L
S
L
105
105
190
160
105
105
190
160
95
95
180
150
90
90
170
140
mA
MIL &
IND
S
L
____
____
____
____
____
____
____
____
95
95
240
210
90
90
215
180
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
Both Ports
CEL and
CER > VCC - 0.2V,
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR = SEML > VCC - 0.2V
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
1.0
0.2
15
5
1.0
0.2
15
5
mA
MIL &
IND
S
L
____
____
____
____
____
____
____
____
1.0
0.2
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
SEMR = SEML > VCC - 0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled,
f = fMAX
(3)
COM'L
S
L
100
100
170
140
100
100
170
140
90
90
155
130
85
85
145
120
mA
MIL &
IND
S
L
____
____
____
____
____
____
____
____
90
90
225
200
85
85
200
170
2740 tbl 09a


Similar Part No. - 7024L70JGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7024L70JGI8 IDT-7024L70JGI8 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 7024L70JGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com