Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7026L25JGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 7026L25JGI
Description  HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7026L25JGI Datasheet(HTML) 3 Page - Integrated Device Technology

  7026L25JGI Datasheet HTML 1Page - Integrated Device Technology 7026L25JGI Datasheet HTML 2Page - Integrated Device Technology 7026L25JGI Datasheet HTML 3Page - Integrated Device Technology 7026L25JGI Datasheet HTML 4Page - Integrated Device Technology 7026L25JGI Datasheet HTML 5Page - Integrated Device Technology 7026L25JGI Datasheet HTML 6Page - Integrated Device Technology 7026L25JGI Datasheet HTML 7Page - Integrated Device Technology 7026L25JGI Datasheet HTML 8Page - Integrated Device Technology 7026L25JGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
6.42
IDT7026S/L
High-Speed 16K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
3
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 1.12 in x 1.12 in x .16 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
Pin Configurations(1,2,3) (con't.)
Maximum Operating Temperature
and Supply Voltage(1)
Pin Names
NOTES:
1. This parameter is determined by device characterization but is not production
tested.
2. 3dV represents the interpolated capacitance when the input and output signals
switch from 0V to 3V or from 3V to 0V.
Capacitance(1) (TA = +25°C, f = 1.0mhz)
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A13L
A0R - A13R
Address
I/O0L - I/O15L
I/O0R - I/O15R
Data Input/Output
SEML
SEMR
Semaphore Enable
UBL
UBR
Upper Byte Select
LBL
LBR
Lower Byte Select
BUSYL
BUSYR
Busy Flag
M/S
Master or Slave Select
VCC
Power
GND
Ground
2939 tbl 01
Grade
Ambient
Temperature
GND
Vcc
Military
-55OC to+125OC0V
5.0V
+ 10%
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OC0V
5.0V
+ 10%
2939 tbl 02a
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output
Capacitance
VOUT = 3dV
10
pF
2939 tbl 03
2939 drw 03
I/O7L
63
61
60
58
55
54
51
48
46
45
66
67
69
72
75
76
79
81
82
83
1
2
5
7
8
11
10
12
14
17
20
23
26
28
29
32
31
33
35
38
41
43
IDT7026G
G84(4)
84-Pin PGA
Top View(5)
A
B
C
D
E
F
G
H
J
K
L
42
59
56
49
50
40
25
27
30
36
34
37
39
84
3
4
6
9
15
13
16
18
22
24
19
21
68
71
70
77
80
UBR
CER
GND
11
10
09
08
07
06
05
04
03
02
01
64
65
62
57
53
52
47
44
73
74
78
GND
GND
R/
WR
OER
LBR
GND
GND
SEMR
UBL
CEL
R/
WL
OEL
GND
SEML
VCC
LBL
BUSYR
BUSYL
M/
S
A12L
Index
I/O5L
I/O4L
I/O2L
I/O0L
I/O10L
I/O8L
I/O6L
I/O3L
I/O1L
I/O11L
I/O9L
I/O13L
I/O12L
I/O15L
I/O14L
I/O0R
A10L
A11L
A9L
A8L
A6L
A7L
A5L
A4L
A3L
A1L
A2L
A1R
A3R
A2R
A6R
A4R
A7R
A5R
A10R
A8R
A9R
A11R
A12R
I/O1R
I/O2R
VCC
I/O3R
I/O4R
I/O5R
I/O7R
I/O6R
I/O9R
I/O8R
I/O11R
I/O10R
I/O12R
I/O13R
I/O14R
I/O15R
VCC
A13R
A13L
A0L
A0R


Similar Part No. - 7026L25JGI

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7026-2556 AMPHENOL-7026-2556 Datasheet
75Kb / 1P
   SMA MALE TO SMA MALE FOR .047 CABLE ASSEMBLY
logo
Integrated Device Techn...
70261L15PFG IDT-70261L15PFG Datasheet
703Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
70261L15PFG IDT-70261L15PFG Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70261L15PFG RENESAS-70261L15PFG Datasheet
509Kb / 21P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
JULY 2019
logo
Integrated Device Techn...
70261L15PFG8 IDT-70261L15PFG8 Datasheet
703Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
More results

Similar Description - 7026L25JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S Datasheet
144Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V26 RENESAS-70V26 Datasheet
517Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
JULY 2019
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com