Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7016S12GGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 7016S12GGI
Description  HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7016S12GGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 7016S12GGI Datasheet HTML 3Page - Integrated Device Technology 7016S12GGI Datasheet HTML 4Page - Integrated Device Technology 7016S12GGI Datasheet HTML 5Page - Integrated Device Technology 7016S12GGI Datasheet HTML 6Page - Integrated Device Technology 7016S12GGI Datasheet HTML 7Page - Integrated Device Technology 7016S12GGI Datasheet HTML 8Page - Integrated Device Technology 7016S12GGI Datasheet HTML 9Page - Integrated Device Technology 7016S12GGI Datasheet HTML 10Page - Integrated Device Technology 7016S12GGI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
6.42
IDT7016S/L
High-Speed 16K x 9 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
7
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(4)
NOTES:
1. Transition is measured 0mV from Low- or High-impedance voltage with Output Test Load (Figure 2).
2. Thisparameterisguaranteedbydevicecharacterizationbutnotproductiontested.
3. To access RAM, CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL.
4. 'X' in part numbers indicates power rating (S or L).
7016X12
Com'l Only
7016X15
Com'l Only
Unit
Symbol
Parameter
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
12
____
15
____
ns
tAA
Address Access Time
____
12
____
15
ns
tACE
Chip Enable Access Time(3)
____
12
____
15
ns
tAOE
Output Enable Access Time
____
8
____
10
ns
tOH
Output Hold from Address Change
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
10
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
12
____
15
ns
tSOP
Semaphore Flag Update Pulse (OE or SEM)10
____
10
____
ns
tSAA
Semaphore Address Access Time
____
12
____
15
ns
3190 tbl 12a
7016X20
Com'l, Ind
& Military
7016X25
Com'l &
Military
7016X35
Com'l &
Military
Unit
Symbol
Parameter
Min.Max.Min.Max.Min.
Max.
READ CYCLE
tRC
Read Cycle Time
20
____
25
____
35
____
ns
tAA
Address Access Time
____
20
____
25
____
35
ns
tACE
Chip Enable Access Time(3)
____
20
____
25
____
35
ns
tAOE
Output Enable Access Time
____
12
____
13
____
20
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
3
____
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
12
____
15
____
20
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
20
____
25
____
35
ns
tSOP
Semaphore Flag Update Pulse (OE or SEM)10
____
10
____
10
____
ns
tSAA
Semaphore Address Access Time
____
20
____
25
____
35
ns
3190 tbl 12b


Similar Part No. - 7016S12GGI

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7016 BOURNS-7016 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
Christian Bürkert GmbH ...
7016 BURKERT-7016 Datasheet
2Mb / 17P
   3/2-way solenoid valve, direct-acting
06.03.2024
logo
Amphenol Corporation
7016-0056 AMPHENOL-7016-0056 Datasheet
64Kb / 1P
   2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
7016-0056-0057 AMPHENOL-7016-0056-0057 Datasheet
64Kb / 1P
   2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
7016-0057 AMPHENOL-7016-0057 Datasheet
64Kb / 1P
   2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
More results

Similar Description - 7016S12GGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S Datasheet
262Kb / 20P
   HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com