Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2120IES-0.6-T1 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # AAT2120IES-0.6-T1
Description  Soft-Start Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT2120IES-0.6-T1 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button AAT2120IES-0.6-T1 Datasheet HTML 2Page - Skyworks Solutions Inc. AAT2120IES-0.6-T1 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT2120IES-0.6-T1 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT2120IES-0.6-T1 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT2120IES-0.6-T1 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT2120IES-0.6-T1 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT2120IES-0.6-T1 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT2120IES-0.6-T1 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT2120IES-0.6-T1 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202005A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 24, 2012
6
AAT2120
500mA Low-Noise, Step-Down Converter
DATA SHEET
Typical Characteristics
Soft Start
(VIN = 3.6V; VOUT = 1.8V; 500mA)
Time (100µs/div)
VO
-4
-3
-2
-1
0
1
2
3
4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VEN
ILX
Line Regulation
(VOUT = 1.8V)
Input Voltage (V)
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IOUT = 10mA
IOUT = 500mA
IOUT = 250mA
IOUT = 150mA
IOUT = 50mA
IOUT = 0mA
Output Voltage Error vs. Temperature
(VIN = 3.6V; VOUT = 1.8V; IOUT = 500mA)
Temperature (°C)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-40
-20
0
20
40
60
80
100
Frequency Variation vs. Input Voltage
Input Voltage (V)
-4
-3
-2
-1
0
1
2
3
4
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VOUT = 3.0V
VOUT = 1.8V
Switching Frequency Variation vs. Temperature
(VIN = 3.6V; VOUT = 1.8V)
Temperature (°C)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-40
-20
0
20
40
60
80
100
No Load Quiescent Current vs. Input Voltage
Input Voltage (V)
20
25
30
35
40
45
50
55
60
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
85°C
25°C
-40°C


Similar Part No. - AAT2120IES-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2120IES-0.6-T1 ANALOGICTECH-AAT2120IES-0.6-T1 Datasheet
1Mb / 20P
   500mA Low Noise Step-Down Converter
AAT2120IES-0.6-T1 ANALOGICTECH-AAT2120IES-0.6-T1 Datasheet
684Kb / 19P
   500mA Low Noise Step-Down Converter
More results

Similar Description - AAT2120IES-0.6-T1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2008B ATMEL-U2008B Datasheet
70Kb / 10P
   Low-Cost Phase-Control IC with Soft Start
U2008B-MY ATMEL-U2008B-MY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2010B-MY ATMEL-U2010B-MY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2008B ATMEL-U2008B_07 Datasheet
341Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2010B-MFPY ATMEL-U2010B-MFPY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
   Soft-Start Circuit
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
531992 FESTO-531992 Datasheet
84Kb / 1P
   Soft start valve
3/31/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com