Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4SMF-BJF-CR0U0452 Datasheet(PDF) 3 Page - Cree, Inc

Part # C4SMF-BJF-CR0U0452
Description  Cree Screen Master 4-mm Oval LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMF-BJF-CR0U0452 Datasheet(HTML) 3 Page - Cree, Inc

  C4SMF-BJF-CR0U0452 Datasheet HTML 1Page - Cree, Inc C4SMF-BJF-CR0U0452 Datasheet HTML 2Page - Cree, Inc C4SMF-BJF-CR0U0452 Datasheet HTML 3Page - Cree, Inc C4SMF-BJF-CR0U0452 Datasheet HTML 4Page - Cree, Inc C4SMF-BJF-CR0U0452 Datasheet HTML 5Page - Cree, Inc C4SMF-BJF-CR0U0452 Datasheet HTML 6Page - Cree, Inc C4SMF-BJF-CR0U0452 Datasheet HTML 7Page - Cree, Inc C4SMF-BJF-CR0U0452 Datasheet HTML 8Page - Cree, Inc C4SMF-BJF-CR0U0452 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree 4-mm Oval LED
C4SMF-RJF/GJF/BJF
• Tolerance of measurement of luminous intensity is ±15%
INTENSITY BIN LIMIT (I
F = 20 mA)
COLOR BIN LIMIT (I
F = 20 mA)
• Tolerance of measurement of dominant wavelength is ±1 nm
Red:C4SMF-RJF
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
T0
T1
1100
1205
T2
1205
1310
T3
1310
1415
T4
1415
1520
U0
U1
1520
1672
U2
1672
1824
U3
1824
1976
U4
1976
2130
V0
V1
2130
2347
V2
2347
2564
V3
2564
2781
V4
2781
3000
W0
W1
3000
3295
W2
3295
3590
W3
3590
3885
W4
3885
4180
Green:C4SMF-GJF
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
V0
V1
2130
2347
V2
2347
2564
V3
2564
2781
V4
2781
3000
W0
W1
3000
3295
W2
3295
3590
W3
3590
3885
W4
3885
4180
X0
X1
4180
4600
X2
4600
5020
X3
5020
5440
X4
5440
5860
Y0
Y1
5860
6445
Y2
6445
7030
Y3
7030
7615
Y4
7615
8200
Blue:C4SMF-BJF
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
R0
R1
550
605
R2
605
660
R3
660
715
R4
715
770
S0
S1
770
852
S2
852
934
S3
934
1017
S4
1017
1100
T0
T1
1100
1205
T2
1205
1310
T3
1310
1415
T4
1415
1520
U0
U1
1520
1672
U2
1672
1824
U3
1824
1976
U4
1976
2130
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B23
462.5
467.5
B4
465
470
B45
467.5
472.5
B5
470
475


Similar Part No. - C4SMF-BJF-CR0U0452

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMF-BJS CREE-C4SMF-BJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-BJS-CR0U0351 CREE-C4SMF-BJS-CR0U0351 Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-BJS-CR0U0352 CREE-C4SMF-BJS-CR0U0352 Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-BJS-CR0U0451 CREE-C4SMF-BJS-CR0U0451 Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-BJS-CR0U0452 CREE-C4SMF-BJS-CR0U0452 Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
More results

Similar Description - C4SMF-BJF-CR0U0452

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMA-RGF CREE-C4SMA-RGF Datasheet
899Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMC-RGF CREE-C4SMC-RGF Datasheet
848Kb / 9P
   Cree Screen Master 4-mm Oval LED
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
   Cree Screen Master 5-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com