Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72221L10JGI8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 72221L10JGI8
Description  CMOS SyncFIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72221L10JGI8 Datasheet(HTML) 1 Page - Integrated Device Technology

  72221L10JGI8 Datasheet HTML 1Page - Integrated Device Technology 72221L10JGI8 Datasheet HTML 2Page - Integrated Device Technology 72221L10JGI8 Datasheet HTML 3Page - Integrated Device Technology 72221L10JGI8 Datasheet HTML 4Page - Integrated Device Technology 72221L10JGI8 Datasheet HTML 5Page - Integrated Device Technology 72221L10JGI8 Datasheet HTML 6Page - Integrated Device Technology 72221L10JGI8 Datasheet HTML 7Page - Integrated Device Technology 72221L10JGI8 Datasheet HTML 8Page - Integrated Device Technology 72221L10JGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
©
AUGUST 2013
CMOSSyncFIFO
64 x 9, 256 x 9, 512 x 9,
1,024 x 9, 2,048 x 9,
4,096 x 9 and 8,192 x 9
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The SyncFIFO is a registered trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
IDT72421,IDT72201
IDT72211,IDT72221
IDT72231,IDT72241
IDT72251
2013
Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-2655/6
FEATURES:
••••• 64 x 9-bit organization (IDT72421)
••••• 256 x 9-bit organization (IDT72201)
••••• 512 x 9-bit organization (IDT72211)
••••• 1,024 x 9-bit organization (IDT72221)
••••• 2,048 x 9-bit organization (IDT72231)
••••• 4,096 x 9-bit organization (IDT72241)
••••• 8,192 x 9-bit organization (IDT72251)
••••• 10 ns read/write cycle time
••••• Read and Write Clocks can be independent
••••• Dual-Ported zero fall-through time architecture
••••• Empty and Full Flags signal FIFO status
••••• Programmable Almost-Empty and Almost-Full flags can be set
to any depth
••••• Programmable Almost-Empty and Almost-Full flags default to
Empty+7, and Full-7, respectively
••••• Output enable puts output data bus in high-impedance state
••••• Advanced submicron CMOS technology
••••• Available in the 32-pin plastic leaded chip carrier (PLCC) and
32-pin Thin Quad Flat Pack (TQFP)
••••• For through-hole product please see the IDT72420/72200/72210/
72220/72230/72240 data sheet
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
••••• Green parts available, see ordering information
FUNCTIONAL BLOCK DIAGRAM
WCLK
WEN1
WEN2
D0 - D8
LD
OFFSET REGISTER
INPUT REGISTER
RAM ARRAY
64 x 9, 256 x 9,
512 x 9, 1,024 x 9,
2,048 x 9, 4,096 x 9,
8,192 x 9
WRITE CONTROL
LOGIC
WRITE POINTER
OUTPUT REGISTER
READ CONTROL
LOGIC
READ POINTER
FLAG
LOGIC
EF
PAE
PAF
FF
RESET LOGIC
OE
REN2
REN1
RS
RCLK
2655 drw01
Q0 - Q8
DESCRIPTION:
The IDT72421/72201/72211/72221/72231/72241/72251 SyncFIFO™
are very high-speed, low-power First-In, First-Out (FIFO) memories with
clocked read and write controls. These devices have a 64, 256, 512, 1,024,
2,048,4,096,and8,192x9-bitmemoryarray,respectively. TheseFIFOsare
applicableforawidevarietyofdatabufferingneedssuchasgraphics,localarea
networksandinterprocessorcommunication.
TheseFIFOshave9-bitinputandoutputports.Theinputportiscontrolled
by a free-running clock (WCLK), and two write enable pins (WEN1, WEN2).
Data is written into the Synchronous FIFO on every rising clock edge when
thewriteenablepinsareasserted.Theoutputportiscontrolledbyanotherclock
pin (RCLK) and two read enable pins (REN1, REN2). The Read Clock can
be tied to the Write Clock for single clock operation or the two clocks can run
asynchronous of one another for dual-clock operation. An output enable pin
(OE) is provided on the read port for three-state control of the output.
The Synchronous FIFOs have two fixed flags, Empty (EF) and Full (FF).
Two programmable flags, Almost-Empty (PAE) and Almost-Full (PAF), are
provided for improved system control. The programmable flags default to
Empty+7 and Full-7 for PAE and PAF, respectively. The programmable flag
offsetloadingiscontrolledbyasimplestatemachineandisinitiatedbyasserting
the load pin (LD).
TheseFIFOsarefabricatedusinghigh-speedsubmicronCMOStechnology.


Similar Part No. - 72221L10JGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72221L10JGI8 RENESAS-72221L10JGI8 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results

Similar Description - 72221L10JGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com