Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72225LB10TFGI8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 72225LB10TFGI8
Description  CMOS SyncFIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72225LB10TFGI8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 72225LB10TFGI8 Datasheet HTML 5Page - Integrated Device Technology 72225LB10TFGI8 Datasheet HTML 6Page - Integrated Device Technology 72225LB10TFGI8 Datasheet HTML 7Page - Integrated Device Technology 72225LB10TFGI8 Datasheet HTML 8Page - Integrated Device Technology 72225LB10TFGI8 Datasheet HTML 9Page - Integrated Device Technology 72225LB10TFGI8 Datasheet HTML 10Page - Integrated Device Technology 72225LB10TFGI8 Datasheet HTML 11Page - Integrated Device Technology 72225LB10TFGI8 Datasheet HTML 12Page - Integrated Device Technology 72225LB10TFGI8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
IDT72205LB/72215LB/72225LB/72235LB/72245LB CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
MARCH 2013
NOTE:
1. tSKEW1 is the minimum time between a rising RCLK edge and a rising WCLK edge to guarantee that FF will go HIGH during the current clock cycle. If the time between the rising
edge of RCLK and the rising edge of WCLK is less than tSKEW1, then FF may not change state until the next WCLK edge.
Figure 5. Write Cycle Timing
Figure 6. Read Cycle Timing
WCLK
D0 - D17
t CLK
t CLKH
t CLKL
t DS
tENS
t DH
tENH
tWFF
t WFF
DATA IN VALID
NO OPERATION
RCLK
SKEW1
t
(1)
2766 drw 07
NOTE:
1. tSKEW2 is the minimum time between a rising WCLK edge and a rising RCLK edge to guarantee that EF will go HIGH during the current clock cycle. If the time between the rising
edge of WCLK and the rising edge of RCLK is less than tSKEW2, then EF may not change state until the next RCLK edge.
NO OPERATION
RCLK
t CLK
t CLKH
t CLKL
t ENS
tENH
tREF
t REF
VALID DATA
tA
t OLZ
t OE
t OHZ
Q0 - Q17
WCLK
SKEW2
t
(1)
2766 drw 08


Similar Part No. - 72225LB10TFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72225LB10TFGI8 RENESAS-72225LB10TFGI8 Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
More results

Similar Description - 72225LB10TFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com