Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2687 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # AAT2687
Description  Independent Enable Pins
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT2687 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button AAT2687 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT2687 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT2687 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT2687 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT2687 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT2687 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT2687 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT2687 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT2687 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
AAT2687
PMIC Solution for 24V Systems
with 2 High Performance Step-Down Converters
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202033A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • June 8, 2012
Typical Characteristics—Channel 2
LDO Input Current vs. Input Voltage
(VEN1 = 0V; VEN2 = VIN2)
Input Voltage (V)
0
20
40
60
80
100
2
2.5
3.5
4.5
34
5
85°C
25°C
-40°C
LDO Dropout Voltage vs. Temperature
Temperature (°C)
IOUT2 = 600mA
IOUT2 = 500mA
IOUT2 = 300mA
IOUT2 = 150mA
IOUT2 = 50mA
0
200
400
600
800
1000
1200
1400
-40
-15
10
35
60
85
LDO Dropout Voltage vs. Output Current
Output Current (mA)
0
300
600
900
1200
1500
0
100
200
300
400
500
600
85°C
25°C
-40°C
LDO V
IH and VIL vs. Input Voltage
Input Voltage (V)
2.5
3.5
4.5
5.5
34
5
1.00
1.05
1.10
1.15
1.20
1.25
1.30
VIH
VIL
LDO Output Voltage Error vs. Temperature
(VIN2 = 3.3V; VOUT2 = 1.8V; IOUT2 = 600mA)
Temperature (°C)
25
0
-25
-50
50
75
100
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
IOUT2 = 0.1mA
IOUT2 = 300mA
IOUT2 = 600mA
LDO Dropout Characteristic
(VOUT2 = 1.8V)
Input Voltage (V)
1.5
2.5
3.5
4.5
23
4
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
IOUT2 = 0.1mA
IOUT2 = 50mA
IOUT2 = 100mA
IOUT2 = 300mA
IOUT2 = 600mA


Similar Part No. - AAT2687

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2687 ANALOGICTECH-AAT2687 Datasheet
3Mb / 20P
   PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
AAT2687IFK-AI-T1 ANALOGICTECH-AAT2687IFK-AI-T1 Datasheet
3Mb / 20P
   PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
logo
Skyworks Solutions Inc.
AAT2687IFK-AI-T1 SKYWORKS-AAT2687IFK-AI-T1 Datasheet
3Mb / 20P
   PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
AAT2687 SKYWORKS-AAT2687_12 Datasheet
3Mb / 20P
   PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
More results

Similar Description - AAT2687

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2689 SKYWORKS-AAT2689 Datasheet
3Mb / 20P
   Independent Enable Pins
logo
Rohm
BD39012EFV-C ROHM-BD39012EFV-C Datasheet
2Mb / 42P
   Independent enable control
logo
Maxim Integrated Produc...
MAX15022EVKIT MAXIM-MAX15022EVKIT Datasheet
251Kb / 10P
   Independent Enable Inputs for All Outputs
Rev 0; 5/08
logo
Anachip Corp
AP451 ANACHIP-AP451 Datasheet
183Kb / 6P
   2 Channel Linear Controller with Independent Enable Function
logo
Monolithic Power System...
MP6604A MPS-MP6604A Datasheet
783Kb / 20P
   Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
Rev. 1.1 5/12/2023
logo
Recom International Pow...
RU-RUM RECOM-RU-RUM Datasheet
97Kb / 2P
   Twin Independent Outputs
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
EMB-Q87A AAEON-EMB-Q87A Datasheet
354Kb / 2P
   three independent display
logo
Taoglas antenna solutio...
FXP830.07.0100C TAOGLAS-FXP830.07.0100C Datasheet
1Mb / 14P
   Ground-plane Independent
logo
Ultralife Corporation.
MBA-21R ULTRALIFE-MBA-21R Datasheet
297Kb / 2P
   Radio manufacturer independent
10 JUN 2010 Rev A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com