Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4SMS-GJF-CW12QMF1 Datasheet(PDF) 1 Page - Cree, Inc

Part # S4SMS-GJF-CW12QMF1
Description  Cree Screen Master 4-mm Oval LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

S4SMS-GJF-CW12QMF1 Datasheet(HTML) 1 Page - Cree, Inc

  S4SMS-GJF-CW12QMF1 Datasheet HTML 1Page - Cree, Inc S4SMS-GJF-CW12QMF1 Datasheet HTML 2Page - Cree, Inc S4SMS-GJF-CW12QMF1 Datasheet HTML 3Page - Cree, Inc S4SMS-GJF-CW12QMF1 Datasheet HTML 4Page - Cree, Inc S4SMS-GJF-CW12QMF1 Datasheet HTML 5Page - Cree, Inc S4SMS-GJF-CW12QMF1 Datasheet HTML 6Page - Cree, Inc S4SMS-GJF-CW12QMF1 Datasheet HTML 7Page - Cree, Inc S4SMS-GJF-CW12QMF1 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT FAMILY DATA SHEET
Cree® Screen Master® 4-mm Oval LED
S4SMS-RJF/GJF/BJF
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
These oval LEDs are designed for full
color video displays and signs for live
action events and advertising signs.
The oval-shaped radiation pattern
and high luminous intensity ensure
that these devices are excellent for
wide-field-of -view outdoor applica-
tions where a wide viewing angle and
readability in sunlight are essential.
These lamps are made with an ad-
vanced optical-grade epoxy that offers
superior high-temperature and high-
moisture-resistance performance in
outdoor signal and sign applications.
The encapsulation resin contains anti-
UV material in order to reduce the ef-
fects of long-term exposure to direct
sunlight.
FEATURES
Size (mm): 4
Color and Typical Dominant
Wavelength:
Red (621nm)
Green(527nm)
Blue(472nm)
Luminous Intensity (mcd)
S4SMS-RJF: (770-2130)
S4SMS-GJF: (2130-5860)
S4SMS-BJF: (390-1100)
Lead - Free
RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
Electronic Signs & Signals
(ESS)
Full Color video screen
Motorway Signs
Variable Message Sign (VMS)
Advertising signs
Petrol Signs


Similar Part No. - S4SMS-GJF-CW12QMF1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
S4SMS-GJY CREE-S4SMS-GJY Datasheet
1Mb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
S4SMS-GJY-CV0X0Mg5n1 CREE-S4SMS-GJY-CV0X0Mg5n1 Datasheet
1Mb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
S4SMS-GJY-CV0X0Mg5n2 CREE-S4SMS-GJY-CV0X0Mg5n2 Datasheet
1Mb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
S4SMS-GJY-CV42QMF1 CREE-S4SMS-GJY-CV42QMF1 Datasheet
1Mb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
S4SMS-GJY-CV42QMF2 CREE-S4SMS-GJY-CV42QMF2 Datasheet
1Mb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
More results

Similar Description - S4SMS-GJF-CW12QMF1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMA-RGF CREE-C4SMA-RGF Datasheet
899Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMC-RGF CREE-C4SMC-RGF Datasheet
848Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-RJF CREE-C4SMF-RJF Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
   Cree Screen Master 5-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com