Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7016S20GGI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 7016S20GGI
Description  HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7016S20GGI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 7016S20GGI Datasheet HTML 5Page - Integrated Device Technology 7016S20GGI Datasheet HTML 6Page - Integrated Device Technology 7016S20GGI Datasheet HTML 7Page - Integrated Device Technology 7016S20GGI Datasheet HTML 8Page - Integrated Device Technology 7016S20GGI Datasheet HTML 9Page - Integrated Device Technology 7016S20GGI Datasheet HTML 10Page - Integrated Device Technology 7016S20GGI Datasheet HTML 11Page - Integrated Device Technology 7016S20GGI Datasheet HTML 12Page - Integrated Device Technology 7016S20GGI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
6.42
IDT7016S/L
High-Speed 16K x 9 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
9
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. Thisparameterisguaranteedbydevicecharacterizationbutnotproductiontested.
3. To access RAM, CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage
and temperature, the actual tDH will always be smaller than the actual tOW.
5. 'X' in part numbers indicates power rating (S or L).
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(5)
Symbol
Parameter
7016X12
Com'l Only
7016X15
Com'l Only
Unit
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
12
____
15
____
ns
tEW
Chip Enable to End-of-Write(3)
10
____
12
____
ns
tAW
Address Valid to End-of-Write
10
____
12
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
ns
tWP
Write Pulse Width
10
____
12
____
ns
tWR
Write Recovery Time
2
____
2
____
ns
tDW
Data Valid to End-of-Write
10
____
10
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
10
ns
tDH
Data Hold Time(4)
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
10
____
10
ns
tOW
Output Active from End-of-Write(1,2,4)
3
____
3
____
ns
tSWRD
SEM
Flag Write to Read Time
5
____
5
____
ns
tSPS
SEM
Flag Contention Window
5
____
5
____
ns
3190 tbl 13a
Symbol
Parameter
7016X20
Com'l, Ind
& Military
7016X25
Com'l &
Military
7016X35
Com'l &
Military
Unit
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
20
____
25
____
35
____
ns
tEW
Chip Enable to End-of-Write(3)
15
____
20
____
30
____
ns
tAW
Address Valid to End-of-Write
15
____
20
____
30
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
0
____
ns
tWP
Write Pulse Width
15
____
20
____
25
____
ns
tWR
Write Recovery Time
2
____
2
____
2
____
ns
tDW
Data Valid to End-of-Write
15
____
15
____
15
____
ns
tHZ
Output High-Z Time(1,2)
____
12
____
15
____
20
ns
tDH
Data Hold Time(4)
0
____
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
12
____
15
____
20
ns
tOW
Output Active from End-of-Write(1,2,4)
3
____
3
____
3
____
ns
tSWRD
SEM
Flag Write to Read Time
5
____
5
____
5
____
ns
tSPS
SEM
Flag Contention Window
5
____
5
____
5
____
ns
3190 tbl 13b


Similar Part No. - 7016S20GGI

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7016 BOURNS-7016 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
Christian Bürkert GmbH ...
7016 BURKERT-7016 Datasheet
2Mb / 17P
   3/2-way solenoid valve, direct-acting
06.03.2024
logo
Amphenol Corporation
7016-0056 AMPHENOL-7016-0056 Datasheet
64Kb / 1P
   2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
7016-0056-0057 AMPHENOL-7016-0056-0057 Datasheet
64Kb / 1P
   2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
7016-0057 AMPHENOL-7016-0057 Datasheet
64Kb / 1P
   2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
More results

Similar Description - 7016S20GGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S Datasheet
262Kb / 20P
   HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com