Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7024S20FGI8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 7024S20FGI8
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7024S20FGI8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 7024S20FGI8 Datasheet HTML 6Page - Integrated Device Technology 7024S20FGI8 Datasheet HTML 7Page - Integrated Device Technology 7024S20FGI8 Datasheet HTML 8Page - Integrated Device Technology 7024S20FGI8 Datasheet HTML 9Page - Integrated Device Technology 7024S20FGI8 Datasheet HTML 10Page - Integrated Device Technology 7024S20FGI8 Datasheet HTML 11Page - Integrated Device Technology 7024S20FGI8 Datasheet HTML 12Page - Integrated Device Technology 7024S20FGI8 Datasheet HTML 13Page - Integrated Device Technology 7024S20FGI8 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
6.42
IDT7024S/L
High-Speed 4K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
10
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(5)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL, UB or LB = VIL, SEM = VIH. To access semaphore, CE = VIH or UB & LB = VIH, and SEM = VIL.
Either condition must be valid for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH
and tOW values will vary over voltage and temperature, the actual tDH will always be smaller than the actual tOW.
5. 'X' in part number indicates power rating (S or L).
Symbol
Parameter
7024X15
Com'l Only
7024X17
Com'l Only
7024X20
Com'l, Ind
& Military
7024X25
Com'l &
Military
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
15
____
17
____
20
____
25
____
ns
tEW
Chip Enable to End-of-Write
(3)
12
____
12
____
15
____
20
____
ns
tAW
Address Valid to End-of-Write
12
____
12
____
15
____
20
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
0
____
0
____
ns
tWP
Write Pulse Width
12
____
12
____
15
____
20
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
10
____
10
____
15
____
15
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
10
____
12
____
15
ns
tDH
Data Hold Time(4)
0
____
0
____
0
____
0
____
ns
tWZ
Write Enab le to Output in High-Z(1,2)
____
10
____
10
____
12
____
15
ns
tOW
Output Active from End-of-Write(1,2,4)
0
____
0
____
0
____
0
____
ns
tSWRD
SEM Flag Write to Read Time
5
____
5
____
5
____
5
____
ns
tSPS
SEM Flag Contention Window
5
____
5
____
5
____
5
____
ns
2740 tbl 13a
Symbol
Parameter
7024X35
Com'l &
Military
7024X55
Com'l, Ind
& Military
7024X70
Military Only
Unit
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
35
____
55
____
70
____
ns
tEW
Chip Enable to End-of-Write(3)
30
____
45
____
50
____
ns
tAW
Address Valid to End-of-Write
30
____
45
____
50
____
ns
tAS
Address Set-up Time
(3)
0
____
0
____
0
____
ns
tWP
Write Pulse Width
25
____
40
____
50
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
15
____
30
____
40
____
ns
tHZ
Output High-Z Time(1,2)
____
15
____
25
____
30
ns
tDH
Data Hold Time
(4)
0
____
0
____
0
____
ns
tWZ
Write Enab le to Output in High-Z(1,2)
____
15
____
25
____
30
ns
tOW
Output Active from End-of-Write(1,2,4)
0
____
0
____
0
____
ns
tSWRD
SEM Flag Write to Read Time
5
____
5
____
5
____
ns
tSPS
SEM Flag Contention Window
5
____
5
____
5
____
ns
2740 tbl 13b


Similar Part No. - 7024S20FGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7024S20FGI8 IDT-7024S20FGI8 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 7024S20FGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com