Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7026S15GG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 7026S15GG
Description  HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7026S15GG Datasheet(HTML) 5 Page - Integrated Device Technology

  7026S15GG Datasheet HTML 1Page - Integrated Device Technology 7026S15GG Datasheet HTML 2Page - Integrated Device Technology 7026S15GG Datasheet HTML 3Page - Integrated Device Technology 7026S15GG Datasheet HTML 4Page - Integrated Device Technology 7026S15GG Datasheet HTML 5Page - Integrated Device Technology 7026S15GG Datasheet HTML 6Page - Integrated Device Technology 7026S15GG Datasheet HTML 7Page - Integrated Device Technology 7026S15GG Datasheet HTML 8Page - Integrated Device Technology 7026S15GG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
6.42
IDT7026S/L
High-Speed 16K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
5
DC Electrical Characteristics Over the Operating
Temperature and Supply Soltage Range (VCC = 5.0V ± 10%)
NOTE:
1. At Vcc = 2.0V, input leakages are undefined.
Recommended DC Operating
Conditions
NOTES:
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 10%.
AC Test Conditions
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW)
* Including scope and jig.
Figure 1. AC Output Test Load
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
2939 tbl 07
Symbol
Parameter
Test Conditions
7026S
7026L
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V, VIN = 0V to VCC
___
10
___
5µA
|ILO|
Output Leakage Current
CE
= VIH, VOUT = 0V to VCC
___
10
___
5µA
VOL
Output Low Voltage
IOL = 4mA
___
0.4
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
2939 tbl 08
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
3ns
1.5V
1.5V
Figures 1 and 2
2939 tbl 09
2939 drw 05
893
30pF
347
5V
DATAOUT
BUSY
893
5pF*
347
5V
DATAOUT
2939 drw 04


Similar Part No. - 7026S15GG

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7026-2556 AMPHENOL-7026-2556 Datasheet
75Kb / 1P
   SMA MALE TO SMA MALE FOR .047 CABLE ASSEMBLY
logo
Integrated Device Techn...
70261L15PFG IDT-70261L15PFG Datasheet
703Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
70261L15PFG IDT-70261L15PFG Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70261L15PFG RENESAS-70261L15PFG Datasheet
509Kb / 21P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
JULY 2019
logo
Integrated Device Techn...
70261L15PFG8 IDT-70261L15PFG8 Datasheet
703Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
More results

Similar Description - 7026S15GG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S Datasheet
144Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V26 RENESAS-70V26 Datasheet
517Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
JULY 2019
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com