Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7026S15GG Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 7026S15GG
Description  HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7026S15GG Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 7026S15GG Datasheet HTML 4Page - Integrated Device Technology 7026S15GG Datasheet HTML 5Page - Integrated Device Technology 7026S15GG Datasheet HTML 6Page - Integrated Device Technology 7026S15GG Datasheet HTML 7Page - Integrated Device Technology 7026S15GG Datasheet HTML 8Page - Integrated Device Technology 7026S15GG Datasheet HTML 9Page - Integrated Device Technology 7026S15GG Datasheet HTML 10Page - Integrated Device Technology 7026S15GG Datasheet HTML 11Page - Integrated Device Technology 7026S15GG Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
6.42
IDT7026S/L
High-Speed 16K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
8
NOTES:
1. Timing depends on which signal is asserted last, OE, CE, LB, or UB.
2. Timing depends on which signal is de-asserted first CE, OE, LB, or UB.
3. tBDD delay is required only in cases where the opposite port is completing a write operation to the same address location. For simultaneous read operations BUSY
has no relation to valid output data.
4. Start of valid data depends on which timing becomes effective last tAOE, tACE, tAA or tBDD.
5. SEM = VIH.
WAVEFORM OF READ CYCLES(5)
Timing of Power-Up Power-Down
tRC
R/
W
CE
ADDR
tAA
OE
UB, LB
2939 drw 06
(4)
tACE
(4)
tAOE
(4)
tABE
(4)
(1)
tLZ
tOH
(2)
tHZ
(3, 4)
tBDD
DATAOUT
BUSYOUT
VALID DATA
(4)
CE
2939 drw 07
tPU
ICC
ISB
tPD
50%
50%
,


Similar Part No. - 7026S15GG

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7026-2556 AMPHENOL-7026-2556 Datasheet
75Kb / 1P
   SMA MALE TO SMA MALE FOR .047 CABLE ASSEMBLY
logo
Integrated Device Techn...
70261L15PFG IDT-70261L15PFG Datasheet
703Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
70261L15PFG IDT-70261L15PFG Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70261L15PFG RENESAS-70261L15PFG Datasheet
509Kb / 21P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
JULY 2019
logo
Integrated Device Techn...
70261L15PFG8 IDT-70261L15PFG8 Datasheet
703Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
More results

Similar Description - 7026S15GG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S Datasheet
144Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V26 RENESAS-70V26 Datasheet
517Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
JULY 2019
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com