Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72831L10TFGI8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 72831L10TFGI8
Description  DUAL CMOS SyncFIFO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72831L10TFGI8 Datasheet(HTML) 1 Page - Integrated Device Technology

  72831L10TFGI8 Datasheet HTML 1Page - Integrated Device Technology 72831L10TFGI8 Datasheet HTML 2Page - Integrated Device Technology 72831L10TFGI8 Datasheet HTML 3Page - Integrated Device Technology 72831L10TFGI8 Datasheet HTML 4Page - Integrated Device Technology 72831L10TFGI8 Datasheet HTML 5Page - Integrated Device Technology 72831L10TFGI8 Datasheet HTML 6Page - Integrated Device Technology 72831L10TFGI8 Datasheet HTML 7Page - Integrated Device Technology 72831L10TFGI8 Datasheet HTML 8Page - Integrated Device Technology 72831L10TFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IDT, IDT logo and the
SyncFIFO logo are registered trademarks of Integrated Device Technology, Inc.
MARCH 2013
DUAL CMOS SyncFIFO™
DUAL 256 x 9, DUAL 512 x 9,
DUAL 1,024 x 9, DUAL 2,048 x 9,
DUAL 4,096 x 9, DUAL 8,192 x 9
IDT72801
IDT72811
IDT72821
IDT72831
IDT72841
IDT72851
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGE
1
©2013 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-3034/6
FEATURES:
••••• The IDT72801 is equivalent to two IDT72201 256 x 9 FIFOs
••••• The IDT72811 is equivalent to two IDT72211 512 x 9 FIFOs
••••• The IDT72821 is equivalent to two IDT72221 1,024 x 9 FIFOs
••••• The IDT72831 is equivalent to two IDT72231 2,048 x 9 FIFOs
••••• The IDT72841 is equivalent to two IDT72241 4,096 x 9 FIFOs
••••• The IDT72851 is equivalent to two IDT72251 8,192 x 9 FIFOs
••••• Offers optimal combination of large capacity, high speed,
design flexibility and small footprint
••••• Ideal for prioritization, bidirectional, and width expansion
applications
••••• 10 ns read/write cycle time for the IDT72801/72811/72821/72831/
72841/72851
••••• Separate control lines and data lines for each FIFO
••••• Separate Empty, Full, Programmable Almost-Empty and Almost-
Full flags for each FIFO
••••• Enable puts output data lines in high-impedance state
••••• Space-saving 64-pin Thin Quad Flat Pack (TQFP) and Slim Thin
Quad Flatpack (STQFP)
Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
••••• Green parts available, see ordering information
DESCRIPTION:
TheIDT72801/72811/72821/72831/72841/72851aredualsynchronous
(clocked)FIFOs. ThedeviceisfunctionallyequivalenttotwoIDT72201/72211/
72221/72231/72241/72251 FIFOs in a single package with all associated
control,data,andflaglinesassignedtoseparatepins.
Each of the two FIFOs (designated FIFO A and FIFO B) contained in the
IDT72801/72811/72821/72831/72841/72851hasa9-bitinputdataport(DA0
-DA8,DB0-DB8)anda9-bitoutputdataport(QA0-QA8,QB0-QB8).Each
inputportiscontrolledbyafree-runningclock(WCLKA,WCLKB),andtwoWrite
Enablepins(WENA1,WENA2,WENB1,WENB2). Dataiswrittenintoeachof
thetwoarraysoneveryrisingclockedgeoftheWriteClock(WCLKA,WCLKB)
when the appropriate write enable pins are asserted.
TheoutputportofeachFIFObankiscontrolledbyitsassociated clockpin
(RCLKA, RCLKB) and two Read Enable pins (RENA1, RENA2, RENB1,
RENB2).TheReadClockcanbetiedtotheWriteClockforsingleclockoperation
orthetwoclockscanrunasynchronousofoneanotherfordualclockoperation.
An Output Enable pin (OEA, OEB) is provided on the read port of each FIFO
forthree-stateoutputcontrol.
EachofthetwoFIFOshastwofixedflags,Empty(EFA,EFB)andFull(FFA,
FFB). Twoprogrammableflags,Almost-Empty(PAEA,PAEB)andAlmost-Full
(PAFA,PAFB),areprovidedforeachFIFObanktoimprovememoryutilization.
Ifnotprogrammed,theprogrammableflagsdefaulttoempty+7forPAEAand
PAEB, and full-7 for PAFA and PAFB.
TheIDT72801/72811/72821/72831/72841/72851architecturelendsitself
tomanyflexibleconfigurationssuchas:
• 2-levelprioritydatabuffering
• Bidirectional operation
• Width expansion
• Depthexpansion
These FIFOs is fabricated using high-performance submicron CMOS
technology.
FUNCTIONAL BLOCK DIAGRAM
WCLKA
WENA1
WENA2
DA0 - DA8
LDA
OFFSET REGISTER
INPUT REGISTER
RAM ARRAY
256 x 9, 512 x 9,
1024 x 9, 2048 x 9,
4096 x 9, 8192 x 9
WRITE CONTROL
LOGIC
WRITE POINTER
RESET LOGIC
OUTPUT REGISTER
OEA
RSA
QA0 - QA8
RCLKA
RENA1
RENA2
READ CONTROL
LOGIC
READ POINTER
FLAG
LOGIC
EFA
PAEA
PAFA
FFA
3034 drw 01
WCLKB
WENB1
WENB2
DB0 - DB8
LDB
OFFSET REGISTER
INPUT REGISTER
WRITE CONTROL
LOGIC
WRITE POINTER
RESET LOGIC
OUTPUT REGISTER
OEB
RSB
QB0 - QB8
RCLKB
RENB1
RENB2
READ CONTROL
LOGIC
READ POINTER
FLAG
LOGIC
EFB
PAEB
PAFB
FFB
RAM ARRAY
256 x 9, 512 x 9,
1024 x 9, 2048 x 9,
4096 x 9, 8192 x 9


Similar Part No. - 72831L10TFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72831L10LPFG RENESAS-72831L10LPFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L10LPFG8 RENESAS-72831L10LPFG8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L10LPFGI RENESAS-72831L10LPFGI Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L10LPFGI8 RENESAS-72831L10LPFGI8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L10LTFG RENESAS-72831L10LTFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
More results

Similar Description - 72831L10TFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com