Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72831L25TFG8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 72831L25TFG8
Description  DUAL CMOS SyncFIFO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72831L25TFG8 Datasheet(HTML) 4 Page - Integrated Device Technology

  72831L25TFG8 Datasheet HTML 1Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 2Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 3Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 4Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 5Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 6Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 7Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 8Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
MARCH 2013
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
SupplyVoltage
(Com'l & Ind'l)
4.5
5.0
5.5
V
GND
SupplyVoltage
(Com'l & Ind'l)
0
0
0
V
VIH
InputHighVoltage
(Com'l & Ind'l)
2.0
V
VIL
InputLowVoltage
(Com'l & Ind'l)
0.8
V
TA
OperatingTemperature
0
70
°C
Commercial
TA
OperatingTemperature
–40
85
°C
Industrial
Symbol
Rating
Com'l & Ind'l
Unit
VTERM
Terminal Voltage with
–0.5 to +7.0
V
Respect to GND
TSTG
Storage
Temperature
–55to+125
°C
IOUT
DC Output
Current
–50to+50
mA
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of the specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C)
IDT72801
IDT72811
IDT72821
IDT72831
IDT72841
IDT72851
Commercial and Industrial(1)
Commercial and Industrial(1)
tCLK = 10, 15, 25 ns
tCLK = 10, 15, 25 ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI(2)
InputLeakageCurrent(AnyInput)
–1
1
–1
1
μA
ILO(3)
OutputLeakageCurrent
–10
10
–10
10
μA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
0.4
V
ICC1(4,5,6,8)
Active Power Supply Current (both FIFOs)
60
80
mA
ICC2(4,7,8)
StandbyCurrent
10
10
mA
Symbol
Parameter
Conditions
Max.
Unit
CIN(2)
InputCapacitance
VIN = 0V
10
pF
COUT(1,2)
OutputCapacitance
VOUT = 0V
10
pF
RECOMMENDEDOPERATINGCONDITIONS
NOTES:
1. Industrial temperature range product for 15ns and 25ns speed grade are available as a standard device.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3. OE
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs open (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
6. Typical ICC1 = 2*[1.7 + 0.7*fS + 0.02*CL*fS] (in mA).
These equations are valid under the following conditions:
VCC = 5V, TA = 25°°°°°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
8. ICC1 and ICC2 parameters are improved as compared to previous data sheets.
CAPACITANCE (TA = +25°C, f = 1.0MHz)
NOTE:
1. With output deselected (OEA, OEB ≥≥≥≥≥ VIH).
2. Characterized values, not currently tested.


Similar Part No. - 72831L25TFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72831L25LPFG RENESAS-72831L25LPFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L25LPFG8 RENESAS-72831L25LPFG8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L25LPFGI RENESAS-72831L25LPFGI Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L25LPFGI8 RENESAS-72831L25LPFGI8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L25LTFG RENESAS-72831L25LTFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
More results

Similar Description - 72831L25TFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com