Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72831L25TFG8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 72831L25TFG8
Description  DUAL CMOS SyncFIFO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72831L25TFG8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 72831L25TFG8 Datasheet HTML 2Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 3Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 4Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 5Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 6Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 7Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 8Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 9Page - Integrated Device Technology 72831L25TFG8 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
MARCH 2013
LDA
LDA
LDA
LDA
LDA WENA1
WENA1
WENA1
WENA1
WENA1
WCLKA
OPERATION ON FIFO A
LDB
LDB
LDB
LDB
LDB WENB1
WENB1
WENB1
WENB1
WENB1
WCLKB
OPERATION ON FIFO B
00
Empty Offset (LSB)
Empty Offset (MSB)
Full Offset (LSB)
Full Offset (MSB)
0
1
NoOperation
1
0
Write Into FIFO
1
1
NoOperation
Figure 3. Offset Register Formats and Default Values for the A and B FIFOs
Figure 2. Writing to Offset Registers for FIFOs A and B
A read and write should not be performed simultaneously to the offset
registers.
OUTPUTS:
Full Flag (FFA, FFB) — FFA (FFB) will go LOW, inhibiting further write
operations,when ArrayA(B)isfull. Ifnoreadsareperformedafterreset,FFA
(FFB) will go LOW after 256 writes to the IDT72801's FIFO A (B); 512 writes
totheIDT72811'sFIFOA(B);1,024writestotheIDT72821'sFIFOA(B);2,048
writes to the IDT72831's FIFO A (B); 4,096 writes to the IDT72841's FIFO A
(B); or 8,192 writes to the IDT72851's FIFO A (B).
FFA(FFB)issynchronizedwithrespecttotheLOW-to-HIGHtransitionofthe
WriteClockWCLKA(WCLKB).
EmptyFlag(EFA, EFB)—EFA(EFB)willgoLOW,inhibitingfurtherread
operations,whenthereadpointerisequaltothewritepointer,indicatingthat
Array A (B) is empty.
EFA(EFB)is synchronizedwithrespecttotheLOW-to-HIGHtransitionof
the Read Clock RCLKA (RCLKB).
87
0
Empty Offset (LSB) Reg.
Default Value 007H
80
Full Offset (LSB) Reg.
Default Value 007H
7
80
Empty Offset (LSB)
Default Value 007H
80
Full Offset (LSB)
Default Value 007H
72801 - DUAL 256 x 9
72811 - DUAL 512 x 9
7
7
80
(MSB)
1
00
87
0
Empty Offset (LSB) Reg.
Default Value 007H
80
Full Offset (LSB) Reg.
Default Value 007H
7
80
Empty Offset (LSB)
Default Value 007H
80
Full Offset (LSB)
Default Value 007H
72831 - DUAL 2,048 x 9
72851 - DUAL 8,192 x 9
7
7
80
80
(MSB)
0
2
(MSB)
0
3
80
80
(MSB)
0
2
(MSB)
0
3
80
8
0
80
(MSB)
1
0
3034 drw 04
80
Empty Offset (LSB)
Default Value 007H
80
Full Offset (LSB)
Default Value 007H
72841 - DUAL 4,096 x 9
7
7
80
(MSB)
0
4
80
(MSB)
0
4
80
Empty Offset (LSB)
Default Value 007H
80
Full Offset (LSB) Reg.
Default Value 007H
72821 - DUAL 1,024 x 9
7
7
80
(MSB)
0
1
80
(MSB)
0
1
NOTE:
1. For the purposes of this table, WENA2 and WENB2 = VIH.
2. The same selection sequence applies to reading from the registers. RENA1 and
RENA2 (RENB1 and RENB2) are enabled and read is performed on the LOW-to-
HIGH transition of RCLKA (RCLKB).


Similar Part No. - 72831L25TFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72831L25LPFG RENESAS-72831L25LPFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L25LPFG8 RENESAS-72831L25LPFG8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L25LPFGI RENESAS-72831L25LPFGI Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L25LPFGI8 RENESAS-72831L25LPFGI8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L25LTFG RENESAS-72831L25LTFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
More results

Similar Description - 72831L25TFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com