Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7016L15JGI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 7016L15JGI
Description  HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7016L15JGI Datasheet(HTML) 4 Page - Integrated Device Technology

  7016L15JGI Datasheet HTML 1Page - Integrated Device Technology 7016L15JGI Datasheet HTML 2Page - Integrated Device Technology 7016L15JGI Datasheet HTML 3Page - Integrated Device Technology 7016L15JGI Datasheet HTML 4Page - Integrated Device Technology 7016L15JGI Datasheet HTML 5Page - Integrated Device Technology 7016L15JGI Datasheet HTML 6Page - Integrated Device Technology 7016L15JGI Datasheet HTML 7Page - Integrated Device Technology 7016L15JGI Datasheet HTML 8Page - Integrated Device Technology 7016L15JGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
6.42
IDT7016S/L
High-Speed 16K x 9 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
4
Recommended DC Operating
Conditions
Maximum Operating
Temperature and Supply Volt-
age(1)
Truth Table II: Semaphore Read/Write Control(1)
Absolute Maximum Ratings(1)
Truth Table I: Non-Contention Read/Write Control
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from all I/Os (I/O0-I/O8). These eight semaphores are addressed by A0 - A2.
NOTE:
1.
Condition: A0L — A13L
≠ A0R — A13R
NOTES:
1. StressesgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycause
permanentdamagetothedevice.Thisisastressratingonlyandfunctionaloperation
of
the
device
at
these
or
any
other
conditions
above
thoseindicatedintheoperationalsectionsofthisspecificationisnotimplied.Exposure
toabsolutemaximumratingconditionsforextendedperiodsmayaffectreliability.
2. VTERMmustnot exceedVcc+10%formorethan25%ofthecycletimeor10nsmaximum,
and is limited to < 20mA for the period of VTERM> Vcc + 10%.
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
NOTES:
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 10%.
Inputs(1)
Outputs
Mode
CE
R/W
OE
SEM
I/O0-8
H
X
X
H
High-Z
Deselcted: Power-Down
LL
X
H
DATAIN
Write to Memory
LH
LH
DATAOUT
Read Memory
X
X
H
X
High-Z
Outputs Disabled
3190 tbl 02
Inputs
Outputs
Mode
CE
R/W
OE
SEM
I/O0-8
HH
L
L
DATAOUT
Read Semaphore Flag Data Out (I/O0 - I/O8)
H
XL
DATAIN
Write I/O0 into Semaphore Flag
LX
X
L
____
Not Allowed
3190 tbl 03
Symbol
Rating
Commercial
& Industrial
Military
Unit
VTERM(2)
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
-0.5 to +7.0
V
TBIAS
Temperature
Under Bias
-55 to +125
-65 to +135
o
C
TSTG
Storage
Temperature
-65 to +150
-65 to +150
o
C
IOUT
DC Output
Current
50
50
mA
3190 tbl 04
Grade
Ambient
Temperature
GND
Vcc
Military
-55OC to +125OC0V
5.0V
+ 10%
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OC0V
5.0V
+ 10%
3190 tbl 05
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
3190 tbl 06


Similar Part No. - 7016L15JGI

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7016 BOURNS-7016 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
Christian Bürkert GmbH ...
7016 BURKERT-7016 Datasheet
2Mb / 17P
   3/2-way solenoid valve, direct-acting
06.03.2024
logo
Amphenol Corporation
7016-0056 AMPHENOL-7016-0056 Datasheet
64Kb / 1P
   2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
7016-0056-0057 AMPHENOL-7016-0056-0057 Datasheet
64Kb / 1P
   2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
7016-0057 AMPHENOL-7016-0057 Datasheet
64Kb / 1P
   2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
More results

Similar Description - 7016L15JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S Datasheet
262Kb / 20P
   HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com