Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29F080T12 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY29F080T12
Description  8 Megabit (1M x 8), 5 Volt-only, Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F080T12 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY29F080T12 Datasheet HTML 5Page - Hynix Semiconductor HY29F080T12 Datasheet HTML 6Page - Hynix Semiconductor HY29F080T12 Datasheet HTML 7Page - Hynix Semiconductor HY29F080T12 Datasheet HTML 8Page - Hynix Semiconductor HY29F080T12 Datasheet HTML 9Page - Hynix Semiconductor HY29F080T12 Datasheet HTML 10Page - Hynix Semiconductor HY29F080T12 Datasheet HTML 11Page - Hynix Semiconductor HY29F080T12 Datasheet HTML 12Page - Hynix Semiconductor HY29F080T12 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
Rev. 6.1/May 01
HY29F080
START
NOTE: All sectors must be
previously protected.
Set: TRYCNT = 1
Set: A9 = CE# = OE# = V
ID
Set: RESET# = V
IH
WE# = V
IL
Wait t
WPP2
Set:
A9 = V
ID
OE# = CE# = V
IL
Read Data
Data = 0x00?
NGRP = 7?
YES
TRYCNT = 1000?
NO
Increment TRYCNT
NO
YES
DEVICE FAILURE
NO
YES
Remove V
ID from A9
SECTOR UNPROTECT
COMPLETE
APPLY V
CC
Set Sector Group Address:
A[19:17] = Group NGRP
A0 = A6 = V
IL
A1 = V
IH
NGRP = NGRP + 1
Set: NGRP = 0
WE# = V
IH
Figure 2. Sector Group Unprotect Procedure
START
RESET# = V
ID
(All protected sector groups
become unprotected)
Perform Program or Erase
Operations
RESET# = V
IH
(All previously protected
sector groups return to
protected state)
TEMPORARY SECTOR
UNPROTECT COMPLETE
Figure 3. Temporary Sector Group Unprotect
n A read cycle at address 0xXXX01 returns the
device code (HY29F080 = 0xD5).
n A read cycle containing a sector group address
(Table 1) in A[19:17] and the address 0x02 in
A[7:0] returns 0x01 if that sector is protected,
or 0x00 if it is unprotected.


Similar Part No. - HY29F080T12

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-45 HYNIX-HY29F002TC-45 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-55 HYNIX-HY29F002TC-55 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-70 HYNIX-HY29F002TC-70 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-90 HYNIX-HY29F002TC-90 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
More results

Similar Description - HY29F080T12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com