Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72845LB25PFG Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 72845LB25PFG
Description  CMOS DUAL SyncFIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72845LB25PFG Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 72845LB25PFG Datasheet HTML 5Page - Integrated Device Technology 72845LB25PFG Datasheet HTML 6Page - Integrated Device Technology 72845LB25PFG Datasheet HTML 7Page - Integrated Device Technology 72845LB25PFG Datasheet HTML 8Page - Integrated Device Technology 72845LB25PFG Datasheet HTML 9Page - Integrated Device Technology 72845LB25PFG Datasheet HTML 10Page - Integrated Device Technology 72845LB25PFG Datasheet HTML 11Page - Integrated Device Technology 72845LB25PFG Datasheet HTML 12Page - Integrated Device Technology 72845LB25PFG Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72805LB/72815LB/72825LB/72845LB CMOS Dual SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, and 4,096 x 18
NOTES:
1. In a daisy-chain depth expansion, FL is held LOW for the "first load device". The RXI and WXI inputs are driven by the corresponding RXO and WXO outputs of the preceding device.
2. In a daisy-chain depth expansion, FL is held HIGH for members of the expansion other than the "first load device". The RXI and WXI inputs are driven by the corresponding RXO and
WXO outputs of the preceding device.
TABLE 3 — TRUTH TABLE FOR CONFIGURATION AT RESET
FL
RXI
WXI
EF/OR
FF/IR
PAE, PAF
FIFO TIMING MODE
0
0
0
Single register-buffered
Single register-buffered
Asynchronous
Standard
Empty Flag
Full Flag
0
0
1
Triple register-buffered
Double register-buffered
Asynchronous
FWFT
Output Ready Flag
Input Ready Flag
0
1
0
Double register-buffered
Double register-buffered
Asynchronous
Standard
Empty Flag
Full Flag
0(1)
1
1
Single register-buffered
Single register-buffered
Asynchronous
Standard
Empty Flag
Full Flag
1
0
0
Single register-buffered
Single register-buffered
Synchronous
Standard
Empty Flag
Full Flag
1
0
1
Triple register-buffered
Double register-buffered
Synchronous
FWFT
Output Ready Flag
Input Ready Flag
1
1
0
Double register-buffered
Double register-buffered
Synchronous
Standard
Empty Flag
Full Flag
1(2)
1
1
Single register-buffered
Single register-buffered
Asynchronous
Standard
Empty Flag
Full Flag
TABLE 4 — REGISTER-BUFFERED FLAG OUTPUT OPTIONS — IDT STANDARD MODE
Empty Flag (EF)
Full Flag (FF)
Partial Flags
Programming at Reset
Flag Timing
Buffered Output
Buffered Output
Timing Mode
FL
RXI
WXI
Diagrams
Single
Single
Asynch
0
0
0
Figure 9, 10
Single
Single
Sync
1
0
0
Figure 9, 10
Double
Double
Asynch
0
1
0
Figure 24, 26
Double
Double
Synch
1
1
0
Figure 24, 26
TABLE 5 — REGISTER-BUFFERED FLAG OUTPUT OPTIONS — FWFT MODE
Output Ready (OR)
Input Ready (IR)
Partial Flags
Programming at Reset
Flag Timing
FL
RXI
WXI
Diagrams
Triple
Double
Asynch
0
0
1
Figure 27
Triple
Double
Sync
1
0
1
Figure 20, 21


Similar Part No. - 72845LB25PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72845LB25PFG RENESAS-72845LB25PFG Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
72845LB25PFG8 RENESAS-72845LB25PFG8 Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
72845LB25PFGI RENESAS-72845LB25PFGI Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
72845LB25PFGI8 RENESAS-72845LB25PFGI8 Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
More results

Similar Description - 72845LB25PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com