Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72231L25JG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 72231L25JG
Description  CMOS SyncFIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72231L25JG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 72231L25JG Datasheet HTML 3Page - Integrated Device Technology 72231L25JG Datasheet HTML 4Page - Integrated Device Technology 72231L25JG Datasheet HTML 5Page - Integrated Device Technology 72231L25JG Datasheet HTML 6Page - Integrated Device Technology 72231L25JG Datasheet HTML 7Page - Integrated Device Technology 72231L25JG Datasheet HTML 8Page - Integrated Device Technology 72231L25JG Datasheet HTML 9Page - Integrated Device Technology 72231L25JG Datasheet HTML 10Page - Integrated Device Technology 72231L25JG Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
©
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72421/72201/72211/72221/72231/72241/72251 CMOS SyncFIFO™
64 x 9, 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
OUTPUTS:
FULL FLAG (FF)
TheFullFlag(FF)willgoLOW,inhibitingfurtherwriteoperation,whenthe
device is full. If no reads are performed after Reset (RS), the Full Flag (FF)
willgoLOWafter64writesfortheIDT72421,256writesfortheIDT72201,512
writes for the IDT72211, 1,024 writes for the IDT72221, 2,048 writes for the
IDT72231,4,096writesfortheIDT72241,and8,192writesfortheIDT72251.
The Full Flag (FF) is synchronized with respect to the LOW-to-HIGH
transitionoftheWriteClock(WCLK).
EMPTY FLAG (EF)
TheEmptyFlag(EF)willgoLOW,inhibitingfurtherreadoperations,when
the read pointer is equal to the write pointer, indicating the device is empty.
The Empty Flag (EF) is synchronized with respect to the LOW-to-HIGH
transition of the Read Clock (RCLK).
PROGRAMMABLE ALMOST-FULL FLAG (PAF)
The Programmable Almost-Full flag (PAF) will go LOW when the FIFO
reachesthealmost-fullcondition.IfnoreadsareperformedafterReset(RS),
theProgrammableAlmost-Fullflag(PAF)willgoLOWafter(64-m)writesforthe
IDT72421,(256-m)writesfortheIDT72201,(512-m)writesfortheIDT72211,
TABLE 1 — STATUS FLAGS
NUMBER OF WORDS IN FIFO
IDT72421
IDT72201
IDT72211
FF
PAF
PAE
EF
00
0
H
H
L
L
1 to n
1 to n
1 to n
H
H
L
H
(n+1)to(64-(m+1))
(n+1)to(256-(m+1))
(n+1)to(512-(m+1))
H
H
H
H
(64-m)(2) to63
(256-m)(2) to255
(512-m)(2) to511
H
L
H
H
64
256
512
L
L
H
H
NUMBER OF WORDS IN FIFO
IDT72221
IDT72231
IDT72241
IDT72251
FF
PAF
PAE
EF
00
0
0
H
H
L
L
1 to n(1)
1 to n(1)
1 to n(1)
1 to n(1)
HH
L
H
(n+1)to(1,024-(m+1))
(n+1)to(2,048-(m+1))
(n+1)to(4,096-(m+1))
(n+1)to(8,192-(m+1))
H
H
H
H
(1,024-m)(2) to1,023
(2,048-m)(2) to2,047
(4,096-m)(2) to4,095
(8,192-m)(2) to8,191
H
L
H
H
1,024
2,048
4,096
8,192
L
L
H
H
NOTES:
1. n = Empty Offset (n = 7 default value)
2. m = Full Offset (m = 7 default value)
(1,024-m)writesfortheIDT72221,(2,048-m)writesfortheIDT72231,(4,096-
m)writesfortheIDT72241,and(8,192-m)writesfortheIDT72251. Theoffset
“m”isdefinedintheFulloffsetregisters.
IfthereisnoFulloffsetspecified,theProgrammableAlmost-Fullflag(PAF)
will go LOW at Full-7 words.
TheProgrammableAlmost-Fullflag(PAF)issynchronizedwithrespectto
theLOW-to-HIGHtransitionoftheWriteClock(WCLK).
PROGRAMMABLEALMOST-EMPTYFLAG(PAE)
TheProgrammableAlmost-Emptyflag(PAE)willgoLOWwhentheread
pointer is "n+1" locations less than the write pointer. The offset "n" is defined
in the Empty Offset registers. If no reads are performed after Reset the
Programmable Almost-Empty flag (PAE) will go HIGH after "n+1" for the
IDT72421/72201/72211/72221/72231/72241/72251.
IfthereisnoEmptyoffsetspecified,theProgrammableAlmost-Emptyflag
(PAE) will go LOW at Empty+7 words.
TheProgrammableAlmost-Emptyflag(PAE)issynchronizedwithrespect
to the LOW-to-HIGH transition of the Read Clock (RCLK).
DATA OUTPUTS (Q0 - Q8)
Data outputs for a 9-bit wide data.
(1)
(1)
(1)


Similar Part No. - 72231L25JG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72231L25JG RENESAS-72231L25JG Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
72231L25JG8 RENESAS-72231L25JG8 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
72231L25JGI RENESAS-72231L25JGI Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
72231L25JGI8 RENESAS-72231L25JGI8 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results

Similar Description - 72231L25JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com