Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72235LB25PFGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 72235LB25PFGI
Description  CMOS SyncFIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72235LB25PFGI Datasheet(HTML) 3 Page - Integrated Device Technology

  72235LB25PFGI Datasheet HTML 1Page - Integrated Device Technology 72235LB25PFGI Datasheet HTML 2Page - Integrated Device Technology 72235LB25PFGI Datasheet HTML 3Page - Integrated Device Technology 72235LB25PFGI Datasheet HTML 4Page - Integrated Device Technology 72235LB25PFGI Datasheet HTML 5Page - Integrated Device Technology 72235LB25PFGI Datasheet HTML 6Page - Integrated Device Technology 72235LB25PFGI Datasheet HTML 7Page - Integrated Device Technology 72235LB25PFGI Datasheet HTML 8Page - Integrated Device Technology 72235LB25PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
IDT72205LB/72215LB/72225LB/72235LB/72245LB CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
MARCH 2013
PIN DESCRIPTION
Symbol
Name
I/O
Description
D0–D17
DataInputs
I
Data inputs for a 18-bit bus.
RS
Reset
I
WhenRS issetLOW,internalreadandwritepointersaresettothefirstlocationoftheRAMarray,FFand PAF
go HIGH, and PAE and EF go LOW. A reset is required before an initial WRITE after power-up.
WCLK
WriteClock
I
WhenWENisLOW,dataiswrittenintotheFIFOonaLOW-to-HIGHtransitionofWCLK,iftheFIFOisnotfull.
WEN
WriteEnable
I
When WEN is LOW and LD is HIGH, data is written into the FIFO on every LOW-to-HIGH transition of
WCLK. When WEN is HIGH, the FIFO holds the previous data. Data will not be written into the FIFO if the FF
isLOW.
RCLK
Read Clock
I
WhenRENisLOW,dataisreadfromtheFIFOonaLOW-to-HIGHtransitionofRCLK,iftheFIFOisnotempty.
REN
Read Enable
I
When REN is LOW, and LD is HIGH, data is read from the FIFO on every LOW-to-HIGH transition of RCLK.
When REN is HIGH, the output register holds the previous data. Data will not be read from the FIFO if the EF
isLOW.
OE
OutputEnable
I
WhenOEisLOW,thedataoutputbusisactive.IfOE isHIGH,theoutputdatabuswillbeinahigh-impedance
state.
LD
Load
I
When LDisLOW,dataontheinputsD0–D11iswrittentotheoffsetanddepthregistersontheLOW-to-HIGH
transition of the WCLK, when WEN is LOW. When LD is LOW, data on the outputs Q0–Q11 is read from the
offset and depth registers on the LOW-to-HIGH transition of the RCLK, when REN is LOW.
FL
FirstLoad
I
Inthesingledeviceorwidthexpansionconfiguration,FLisgrounded.Inthedepthexpansionconfiguration,FL
is grounded on the first device (first load device) and set to HIGH for all other devices in the Daisy Chain.
WXI
WriteExpansion
I
Inthesingledeviceorwidthexpansionconfiguration,WXI isgrounded.Inthedepthexpansionconfiguration,
WXI is connected to WXO (Write Expansion Out) of the previous device.
RXI
Read Expansion
I
Inthesingledeviceorwidthexpansionconfiguration, RXI isgrounded.Inthedepthexpansionconfiguration,
RXI is connected to RXO (Read Expansion Out) of the previous device.
FF
Full Flag
O
WhenFFisLOW,theFIFOisfullandfurtherdatawritesintotheinputareinhibited.WhenFFisHIGH,theFIFO
is not full. FF is synchronized to WCLK.
EF
EmptyFlag
O
WhenEFisLOW,theFIFOisemptyandfurtherdatareadsfromtheoutputareinhibited.WhenEFisHIGH,the
FIFO is not empty. EF is synchronized to RCLK.
PAE
Programmable
O
When PAE is LOW, the FIFO is almost empty based on the offset programmed into the FIFO. The default
Almost-EmptyFlag
offset at reset is 31 from empty for IDT72205LB, 63 from empty for IDT72215LB, and 127 from empty for
IDT72225LB/72235LB/72245LB.
PAF
Programmable
O
WhenPAFisLOW,theFIFOisalmost-fullbasedontheoffsetprogrammedintotheFIFO.Thedefaultoffsetat
Almost-FullFlag
reset is 31 from full for IDT72205, 63 from full for IDT72215LB, and 127 from full for IDT72225LB/72235LB/
72245LB.
WXO/HF
WriteExpansion
O
In the single device or width expansion configuration, the device is more than half full when HF is LOW. In the
Out/Half-FullFlag
depthexpansionconfiguration,apulseissentfromWXOtoWXIofthenextdevicewhenthelastlocationinthe
FIFOiswritten.
RXO
Read Expansion
O
In the depth expansion configuration, a pulse is sent from RXO to RXI of the next device when the last
Out
location in the FIFO is read.
Q0–Q17
DataOutputs
O
Data outputs for an 18-bit bus.
VCC
Power
+5V power supply pins.
GND
Ground
Eight ground pins for the PLCC and seven gound pins for the TQFP/STQFP.


Similar Part No. - 72235LB25PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72235LB25PFGI RENESAS-72235LB25PFGI Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
72235LB25PFGI8 RENESAS-72235LB25PFGI8 Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
More results

Similar Description - 72235LB25PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com