Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72241L10PFGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 72241L10PFGI
Description  CMOS SyncFIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72241L10PFGI Datasheet(HTML) 3 Page - Integrated Device Technology

  72241L10PFGI Datasheet HTML 1Page - Integrated Device Technology 72241L10PFGI Datasheet HTML 2Page - Integrated Device Technology 72241L10PFGI Datasheet HTML 3Page - Integrated Device Technology 72241L10PFGI Datasheet HTML 4Page - Integrated Device Technology 72241L10PFGI Datasheet HTML 5Page - Integrated Device Technology 72241L10PFGI Datasheet HTML 6Page - Integrated Device Technology 72241L10PFGI Datasheet HTML 7Page - Integrated Device Technology 72241L10PFGI Datasheet HTML 8Page - Integrated Device Technology 72241L10PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
©
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72421/72201/72211/72221/72231/72241/72251 CMOS SyncFIFO™
64 x 9, 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72421
IDT72201
IDT72211
IDT72221
IDT72231
IDT72241
IDT72251
Com'l and Ind'l(1)
Com'l and Ind'l(1)
tCLK = 10, 15, 25 ns
tCLK = 10, 15, 25 ns
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
ILI(2)
Input Leakage Current (Any Input)
–1
1
–1
1
μA
ILO(3)
OutputLeakageCurrent
–10
10
–10
10
μA
VOH
Output Logic “1” Voltage, IOH = –2mA
2.4
2.4
V
VOL
Output Logic “0” Voltage, IOL= 8mA
0.4
0.4
V
ICC1(4,5,6)
Active Power Supply Current
35
50
mA
ICC2(4,7)
StandbyCurrent
5
5
mA
NOTES:
1. Industrial temperature range product for the 15ns and 25ns speed grades are available as standard product.
2. Measurements with 0.4 ≤≤≤≤≤ VIN ≤≤≤≤≤ VCC.
3. OE
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs open (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
6. Typical ICC1 = 1.7 + 0.7*fS + 0.02*CL*fS (in mA).
These equations are valid under the following conditions:
VCC = 5V, TA = 25
°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C)
Symbol
Rating
Com'l & Ind'l
Unit
VTERM
TerminalVoltagewith
–0.5 to +7.0
V
RespecttoGND
TSTG
StorageTemperature
–55 to +125
°C
IOUT
DCOutputCurrent
–50 to +50
mA
Symbol
Parameter
Min.
Typ. Max.
Unit
VCC
SupplyVoltage
4.5
5.0
5.5
V
Commercial/Industrial
GND
SupplyVoltage
0
0
0
V
VIH
InputHighVoltage
2.0
V
Commercial/Industrial
VIL
InputLowVoltage
0.8
V
Commercial/Industrial
TA
OperatingTemperature
0
+70
°C
Commercial
TA
OperatingTemperature
–40
+85
°C
Industrial
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of the specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING
CONDITIONS


Similar Part No. - 72241L10PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72241L10PFGI RENESAS-72241L10PFGI Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
72241L10PFGI8 RENESAS-72241L10PFGI8 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results

Similar Description - 72241L10PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com