Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72851L10TFGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 72851L10TFGI
Description  DUAL CMOS SyncFIFO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72851L10TFGI Datasheet(HTML) 5 Page - Integrated Device Technology

  72851L10TFGI Datasheet HTML 1Page - Integrated Device Technology 72851L10TFGI Datasheet HTML 2Page - Integrated Device Technology 72851L10TFGI Datasheet HTML 3Page - Integrated Device Technology 72851L10TFGI Datasheet HTML 4Page - Integrated Device Technology 72851L10TFGI Datasheet HTML 5Page - Integrated Device Technology 72851L10TFGI Datasheet HTML 6Page - Integrated Device Technology 72851L10TFGI Datasheet HTML 7Page - Integrated Device Technology 72851L10TFGI Datasheet HTML 8Page - Integrated Device Technology 72851L10TFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
MARCH 2013
Com'l &
Commercial
Ind'l(1)
IDT72801L10
IDT72801L15
IDT72801L25
IDT72811L10
IDT72811L15
IDT72811L25
IDT72821L10
IDT72821L15
IDT72821L25
IDT72831L10
IDT72831L15
IDT72831L25
IDT72841L10
IDT72841L15
IDT72841L25
IDT72851L10
IDT72851L15
IDT72851L25
Symbol
Parameter
Min
Max.
Min
Max.
Min
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
40
MHz
tA
Data Access Time
2
6.5
2
10
2
15
ns
tCLK
Clock Cycle Time
10
15
25
ns
tCLKH
Clock High Time
4.5
6
10
ns
tCLKL
Clock Low Time
4.5
6
10
ns
tDS
Data Setup Time
3
4
6
ns
tDH
Data Hold Time
0.5
1
1
ns
tENS
Enable Setup Time
3
4
6
ns
tENH
Enable Hold Time
0.5
1
1
ns
tRS
Reset Pulse Width(2)
10
15
15
ns
tRSS
Reset Setup Time
8
10
15
ns
tRSR
Reset Recovery Time
8
10
15
ns
tRSF
Reset to Flag Time and Output Time
10
15
25
ns
tOLZ
Output Enable to Output in Low-Z(3)
0—
0
0—
ns
tOE
Output Enable to Output Valid
3
6
3
8
3
13
ns
tOHZ
Output Enable to Output in High-Z(3)
3
6
3
8
3
13
ns
tWFF
Write Clock to Full Flag
6.5
10
15
ns
tREF
Read Clock to Empty Flag
6.5
10
15
ns
tPAF
Write Clock to Programmable
6.5
10
15
ns
Almost-Full Flag
tPAE
Read Clock to Programmable
6.5
10
15
ns
Almost-Empty Flag
tSKEW1
Skew Time Between Read Clock and
5
6
10
ns
Write Clock for Empty Flag and Full Flag
tSKEW2
Skew Time Between Read Clock and Write
14
15
18
ns
Clock for Programmable Almost-Empty Flag
and Programmable Almost-Full Flag
In Pulse Levels
GND to 3.0V
InputRise/FallTimes
3ns
InputTimingReferenceLevels
1.5V
OutputReferenceLevels
1.5V
OutputLoad
See Figure 1
or equivalent circuit
Figure 1. Output Load
*Includesjigandscopecapacitances.
30pF*
1.1K
5V
680
Ω
D.U.T.
3034 drw 03
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C)
NOTES:
1. Industrial temperature range product for 15ns and 25ns speed grade are available as a standard device.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
AC TEST CONDITIONS


Similar Part No. - 72851L10TFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72851L10LPFG RENESAS-72851L10LPFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72851L10LPFG8 RENESAS-72851L10LPFG8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72851L10LPFGI RENESAS-72851L10LPFGI Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72851L10LPFGI8 RENESAS-72851L10LPFGI8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72851L10LTFG RENESAS-72851L10LTFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
More results

Similar Description - 72851L10TFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com