Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMF7.0CA Datasheet(PDF) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # MMF7.0CA
Description  Glass passivated junction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

MMF7.0CA Datasheet(HTML) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

  MMF7.0CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd MMF7.0CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd MMF7.0CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd MMF7.0CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMF5.0A/CA---MMF190ACA
Type
Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
Uni
Bi
Uni
Bi
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
MMF85A
MMF85CA
85A
85CA
85
94.4
108.2
1.0
137
1.3
1.0
MMF90A
MMF90CA
90A
90CA
90
100.0
115.5
1.0
146
1.2
1.0
MMF100A
MMF100CA
100
100C
100
111.0
128.0
1.0
162
1.1
1.0
MMF110A
MMF110CA
110
110C
110
122.0
140.5
1.0
177
1.0
1.0
MMF120A
MMF120CA
120
120C
120
133.0
153.0
1.0
193
0.9
1.0
MMF130A
MMF130CA
130
130C
130
144.0
165.5
1.0
209
0.8
1.0
MMF150A
MMF150CA
150
150C
150
167.0
192.5
1.0
243
0.7
1.0
MMF160A
MMF160CA
160
160C
160
178.0
205.0
1.0
259
0.7
1.0
MMF170A
MMF170CA
170
170C
170
189.0
217.5
1.0
275
0.6
1.0
MMF180A
MMF180CA
180
180C
180
198.0
230.4
1.0
292
0.6
1.0
MMF190A
MMF190CA
190
190C
190
209.0
243.2
1.0
308
0.5
1.0
Ratings and Characteristic Curves TA=25°C unless otherwise noted
WWW.SEMITECH.CN


Similar Part No. - MMF7.0CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MMF7.0CA SUNMATE-MMF7.0CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Shanghai Semitech Semic...
MMF7.0CA SEMITECH-MMF7.0CA Datasheet
497Kb / 5P
   Low profile package
logo
Zibo Seno Electronic En...
MMF7.0CA ZSELEC-MMF7.0CA Datasheet
244Kb / 4P
   5.0 to 19 0Volts 200Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - MMF7.0CA

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com