Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72245LB15JG Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 72245LB15JG
Description  CMOS SyncFIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72245LB15JG Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 72245LB15JG Datasheet HTML 6Page - Integrated Device Technology 72245LB15JG Datasheet HTML 7Page - Integrated Device Technology 72245LB15JG Datasheet HTML 8Page - Integrated Device Technology 72245LB15JG Datasheet HTML 9Page - Integrated Device Technology 72245LB15JG Datasheet HTML 10Page - Integrated Device Technology 72245LB15JG Datasheet HTML 11Page - Integrated Device Technology 72245LB15JG Datasheet HTML 12Page - Integrated Device Technology 72245LB15JG Datasheet HTML 13Page - Integrated Device Technology 72245LB15JG Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
IDT72205LB/72215LB/72225LB/72235LB/72245LB CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
MARCH 2013
NOTES:
1. When tSKEW2 minimum specification, tFRL (maximum) = tCLK + tSKEW2. When tSKEW2 < minimum specification, tFRL (maximum) = either 2*tCLK + tSKEW2 or tCLK + tSKEW2.
The Latency Timing applies only at the Empty Boundary (EF = LOW).
2. The first word is available the cycle after EF goes HIGH, always.
Figure 7. First Data Word Latency after Reset with Simultaneous Read and Write
Figure 8. Full Flag Timing
WCLK
D0 - D17
RCLK
Q0 - Q17
t DS
tSKEW2
t ENS
t REF
tA
0
12
3
D
DDD
01
DD
(first valid write)
t OE
t OLZ
tA
tFRL(1)
D4
tENS
2766 drw 09
NOTE:
1. tSKEW1 is the minimum time between a rising RCLK edge and a rising WCLK edge to guarantee that FF will go HIGH during the current clock cycle. If the time between the rising
edge of RCLK and the rising edge of WCLK is less than tSKEW1, then FF may not change state until the next WCLK edge.
DATA READ
WCLK
D0 - D17
RCLK
Q0 - Q17
t A
t WFF
DATA WRITE
t WFF
t ENH
t ENS
t DS
t WFF
t DS
DATA
WRITE
NEXT DATA READ
t A
NO WRITE
NO WRITE
DATA IN OUTPUT REGISTER
LOW
tSKEW1
(1)
t SKEW1
(1)
t ENH
t ENS
2766 drw 10


Similar Part No. - 72245LB15JG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72245LB15JG RENESAS-72245LB15JG Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
72245LB15JG8 RENESAS-72245LB15JG8 Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
72245LB15JGI RENESAS-72245LB15JGI Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
72245LB15JGI8 RENESAS-72245LB15JGI8 Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
More results

Similar Description - 72245LB15JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com