Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10VK7M Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 10VK7M
Description  General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

10VK7M Datasheet(HTML) 4 Page - TE Connectivity Ltd

  10VK7M Datasheet HTML 1Page - TE Connectivity Ltd 10VK7M Datasheet HTML 2Page - TE Connectivity Ltd 10VK7M Datasheet HTML 3Page - TE Connectivity Ltd 10VK7M Datasheet HTML 4Page - TE Connectivity Ltd 10VK7M Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
52
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
General Purpose RFI Power Line Filters (continued)
K Series
Part No.
A
B
CD
E






1VK1, 1EK1,
2VK1, 2EK1










1VK3, 1EK3,
2VK3, 2EK3










3VK1, 3EK1,
5VK1, 5EK1










3VK3, 3EK3,
5VK5, 5EK3










3VK7/7M,
3EK7/7M










5VK7/7M,
5EK7/7M










10VK1,
10EK1










10VK3,
10EK3










10VK6










10VK7/7M,
10EK7/7M










20VK1,
20EK1










20VK6










20VK7










30VK6,
30VK6C










40VK6,
40VK6C










60VK6










Case Dimensions


Recommended Panel Cutouts
.235
5.96
1.575
40.01
.157
3.98
.910
23.1
Dia.
1.295
32.89
R
K7 & K7M Cutout (3, 5, 10A)
.062
1.60
.157
4.0
Dia.
R
1.46
37.1
1.145
29.1
D
20VK7 Cutout

Performance Data
Typical Insertion Loss
1 & 3EK
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
2 & 10EK
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
Measured in closed 50 Ohm system
5EK
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
20EK
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0


Similar Part No. - 10VK7M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
10VK7M MACOM-10VK7M Datasheet
481Kb / 4P
   General Purpose RFI Power Line Filters-Ideal for High Impedance Load
10VK7M MACOM-10VK7M Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
More results

Similar Description - 10VK7M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1VK1 MACOM-1VK1_11 Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
1VK1 MACOM-1VK1 Datasheet
481Kb / 4P
   General Purpose RFI Power Line Filters-Ideal for High Impedance Load
logo
List of Unclassifed Man...
1VB1 ETC1-1VB1 Datasheet
72Kb / 2P
   General Purpose RFI Power Line Filters General Purpose for High Impedance Loads at Low Cost
logo
Tyco Electronics
1VB1 MACOM-1VB1 Datasheet
224Kb / 3P
   General Purpose RFI Filters for High Impedance Loads at Low Current
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
Tyco Electronics
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
   RFI Power Line Filters for DC Applications
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com